Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540RT Datasheet(PDF) 22 Page - Microchip Technology

Part # VSC8540RT
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540RT Datasheet(HTML) 22 Page - Microchip Technology

Back Button VSC8540RT Datasheet HTML 18Page - Microchip Technology VSC8540RT Datasheet HTML 19Page - Microchip Technology VSC8540RT Datasheet HTML 20Page - Microchip Technology VSC8540RT Datasheet HTML 21Page - Microchip Technology VSC8540RT Datasheet HTML 22Page - Microchip Technology VSC8540RT Datasheet HTML 23Page - Microchip Technology VSC8540RT Datasheet HTML 24Page - Microchip Technology VSC8540RT Datasheet HTML 25Page - Microchip Technology VSC8540RT Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 87 page
background image
VSC8540RT
DS60001603E-page 22
2022 Microchip Technology Inc. and its subsidiaries
configuration. Auto-negotiation also enables a connected MAC to communicate with its link partner MAC through
the VSC8540RT device using optional next pages to set attributes that may not otherwise be defined by the
IEEE standard.
If the Category 5 (Cat5) link partner does not support auto-negotiation, the VSC8540RT device automatically uses par-
allel detection to select the appropriate link speed.
Auto-negotiation is disabled by clearing register 0, bit 12. When auto-negotiation is disabled, the state of register bits
0.6, 0.13, and 0.8 determine the device operating speed and duplex mode.
5.4.3
AUTOMATIC CROSSOVER AND POLARITY DETECTION
For trouble-free configuration and management of Ethernet links, the VSC8540RT device includes a robust automatic
crossover detection feature for allspeeds on the twisted pair interface. Known as HP Auto-MDIX, the function is fully
compliant with Clause 40 of IEEE 802.3-2008.
Additionally, the device detects and corrects polarity errors on all MDI pairs—a useful capability that exceeds the
requirements of the standard.
Both HP Auto-MDIX detection and polarity correction are enabled in the device by default. Default settings can be
changed using device register bits 18.5:4. Status bits for each of these functions are located in register 28.
Note:
The VSC8540RT device can be configured to perform HP Auto-MDIX, even when auto-negotiation is dis-
abled and the link is forced into 10/100 speeds. To enable this feature, set register 18.7 to 0. To use the
feature, also set register 0.12 to 0.
The HP Auto-MDIX algorithm successfully detects, corrects, and operates with any of the MDI wiring pair combinations
listed in the following table, which shows that twisted pair A is connected to the RJ45 connector 1, 2 in normal MDI mode.
5.4.4
MANUAL MDI/MDIX SETTING
As an alternative to HP Auto-MDIX detection, the PHY can be forced to be MDI or MDI-X using register 19E1, bits 3:2.
Setting these bits to 10 forces MDI and setting 11 forces MDI-X. Leaving the bits 00 enables the HP Auto-MDIX setting
to be based on register 18, bits 7 and 5.
5.4.5
ENERGY-EFFICIENT ETHERNET
The VSC8540RT device supports the IEEE 802.3az-2010 Energy-Efficient Ethernet standard to provide a method for
reducing power consumption on an Ethernet link during times of low utilization. It uses low power idles (LPI) to achieve
this objective.
FIGURE 5-7:
LOW POWER IDLE OPERATION
Using LPI, the usage model for the link is to transmit data as fast as possible and then return to a low power idle state.
Energy is saved on the link by cycling between active and low power idle states. During LPI, power is reduced by turning
off unused circuits and using this method, energy use scales with bandwidth utilization. The VSC8540RT device uses
LPI to optimize power dissipation in 100BASE-TXmode.
TABLE 5-11:
SUPPORTED MDI PAIR COMBINATIONS
RJ45 Connections
1, 23, 6
4, 57, 8
Mode
A
B
C
D
Normal MDI
B
A
D
C
Normal MDI-X
Active
Active
Quiet
Quiet
Quiet
Low Power Idle
T
s
T
r
T
q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com