Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540RT Datasheet(PDF) 52 Page - Microchip Technology

Part # VSC8540RT
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540RT Datasheet(HTML) 52 Page - Microchip Technology

Back Button VSC8540RT Datasheet HTML 48Page - Microchip Technology VSC8540RT Datasheet HTML 49Page - Microchip Technology VSC8540RT Datasheet HTML 50Page - Microchip Technology VSC8540RT Datasheet HTML 51Page - Microchip Technology VSC8540RT Datasheet HTML 52Page - Microchip Technology VSC8540RT Datasheet HTML 53Page - Microchip Technology VSC8540RT Datasheet HTML 54Page - Microchip Technology VSC8540RT Datasheet HTML 55Page - Microchip Technology VSC8540RT Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 87 page
background image
VSC8540RT
DS60001603E-page 52
2022 Microchip Technology Inc. and its subsidiaries
6.4
Extended Page 2 Registers
To access the extended page 2 registers (16E2–30E2), enable extended register access by writing 0x0002 to register
31. For more information, see Table 6-27.
When extended page 2 register access is enabled, reads and writes to registers 16–30 affect the extended registers
16E2–30E2 instead of those same registers in the IEEE-specified register space. Registers 0–15 are not affected by
the state of the extended page register access.
Writing 0x0000 to register 31 restores the main register access.
The following table lists the addresses and register names in the extended register page 2 space. These registers are
accessible only when the device register 31 is set to 0x0002.
6.4.1
CU PMD TRANSMIT CONTROL
The register at address 16E2 consists of the bits that provide control over the amplitude settings for the transmit side
Cu PMD interface. These bits provide the ability to make small adjustments in the signal amplitude to compensate for
minor variations in the magnetics from different vendors. Extreme caution must be exercised when changing these set-
tings from the default values as they have a direct impact on the signal quality. Changing these settings also affects the
linearity and harmonic distortion of the transmitted signals. For help with changing these values, contact your Microchip
representative
.
TABLE 6-35:
EXTENDED REGISTERS PAGE 2 SPACE
Address
Name
16E2
Cu PMD Transmit Control
17E2
EEE Control
18E2–19E2
Reserved
20E2
RGMII Control
21E2
Wake-on-LAN MAC Address [15:0]
22E2
Wake-on-LAN MAC Address [31:16]
23E2
Wake-on-LAN MAC Address [47:32]
24E2
Secure-On Password [15:0]
25E2
Secure-On Password [31:16]
26E2
Secure-On Password [47:32]
27E2
Wake-on-LAN and MAC Interface Control
28E2
Extended Interrupt Mask
29E2
Extended Interrupt Status
30E2
Reserved
TABLE 6-36:
CU PMD TRANSMIT CONTROL, ADDRESS 16E2 (0X10)
Bit
Name
Access
Description
Default
15:12 Reserved
RO
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com