Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540RT Datasheet(PDF) 36 Page - Microchip Technology

Part # VSC8540RT
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540RT Datasheet(HTML) 36 Page - Microchip Technology

Back Button VSC8540RT Datasheet HTML 32Page - Microchip Technology VSC8540RT Datasheet HTML 33Page - Microchip Technology VSC8540RT Datasheet HTML 34Page - Microchip Technology VSC8540RT Datasheet HTML 35Page - Microchip Technology VSC8540RT Datasheet HTML 36Page - Microchip Technology VSC8540RT Datasheet HTML 37Page - Microchip Technology VSC8540RT Datasheet HTML 38Page - Microchip Technology VSC8540RT Datasheet HTML 39Page - Microchip Technology VSC8540RT Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 87 page
background image
VSC8540RT
DS60001603E-page 36
2022 Microchip Technology Inc. and its subsidiaries
6.0
REGISTERS
This section provides information about how to configure the VSC8540RT device using their internal memory registers
and the management interface. The registers marked reserved and factory test should not be read or written to, because
doing so may produce undesired effects.
The default value documented for registers is based on the value at reset; in some cases, that value may change imme-
diately after reset.
The access type for each register is shown using the following abbreviations:
• RO: Read Only
• ROCR: Read Only, Clear on Read
• RO/LH: Read Only, Latch High
• RO/LL: Read Only, Latch Low
• R/W: Read and Write
• RWSC: Read and Write, Self-Clearing
The VSC8540RT device uses several different types of registers:
• IEEE Clause 22 device registers with addresses from 0 to 31
• Two pages of extended registers with addresses from 17E1–30E1 and 16E2–30E2
• General-purpose registers with addresses from 0G to 30G
• IEEE Clause 45 device registers accessible through the Clause 22 registers 13 and 14 to support IEEE 802.3az-
2010 Energy-Efficient Ethernet registers and IEEE 802.3bf-2011 registers
The following illustration shows the relationship between the device registers and their address spaces.
FIGURE 6-1:
REGISTER SPACE DIAGRAM
Reserved Registers
For main registers 16–31, extended registers 17E1–30E1, 16E2–30E2, and general purpose registers 0G–30G, any bits
marked as Reserved should be processed as read-only and their states as undefined.
Reserved Bits
In writing to registers with reserved bits, use a read-modify-then-write technique, where the entire register is read but
only the intended bits to be changed are modified. Reserved bits cannot be changed and their read state cannot be
considered static or unchanging.
6.1
Register and Bit Conventions
This document refers to registers by their address and bit number in decimal notation. A range of bits is indicated with
a colon. For example, a reference to address 26, bits 15 through 14 is shown as 26.15:14.
A register with an E and a number attached (such as 27E1) means it is a register contained within extended register
page number 1. A register with a G attached (such as 13G) means it is a GPIO page register.
IEEE 802.3
Standard
Registers
Main Registers
0x0000
0
1
2
3
.
.
.
13
14
15
16
17
18
19
.
.
.
.
.
30
31
Extended
Registers 1
0x0001
16E1
17E1
18E1
19E1
.
.
.
.
.
30E1
Extended
Registers 2
0x0002
16E2
17E2
18E2
19E2
.
.
.
.
.
30E2
General Purpose
Registers
0x0010
0G
1G
2G
3G
.
.
.
.
.
15G
16G
17G
18G
19G
.
.
.
.
.
30G
Clause 45
Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com