Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540RT Datasheet(PDF) 32 Page - Microchip Technology

Part # VSC8540RT
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540RT Datasheet(HTML) 32 Page - Microchip Technology

Back Button VSC8540RT Datasheet HTML 28Page - Microchip Technology VSC8540RT Datasheet HTML 29Page - Microchip Technology VSC8540RT Datasheet HTML 30Page - Microchip Technology VSC8540RT Datasheet HTML 31Page - Microchip Technology VSC8540RT Datasheet HTML 32Page - Microchip Technology VSC8540RT Datasheet HTML 33Page - Microchip Technology VSC8540RT Datasheet HTML 34Page - Microchip Technology VSC8540RT Datasheet HTML 35Page - Microchip Technology VSC8540RT Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 87 page
background image
VSC8540RT
DS60001603E-page 32
2022 Microchip Technology Inc. and its subsidiaries
5.12
Wake-On-LAN and SecureOn
The VSC8540RT device supports Wake-on-LAN, an Ethernet networking standard to awaken hosts by using a “magic
packet” that is decoded to ascertain the source, and then assert an interrupt pin or a LED. The VSC8540RT device also
supports SecureOn to secure Wake-on-LAN against unauthorized access. The following illustration shows an overview
of the Wake-on-LAN functionality.
FIGURE 5-15:
WAKE-ON-LAN FUNCTIONALITY
Wake-on-LAN detection is available in 10BASE-T and 100BASE-TX modes. It is enabled by setting the interrupt mask
register (25.6) and its status is read in the interrupt status register (26.6). Wake-on-LAN and SecureOn are configured
using register 27E2. The MAC address is saved in its local register space (21E2, 22E2, and 23E2).
5.13
Fast Link Failure Indication
For 10BASE-T links, the fast link failure indication matches the link status register (address 1, bit 2). For 100BASE-TX
links, the link failure is based on a circuit that analyzes the integrity of the link and will assert at the indication of failure
(< 3 ms. worst case).
FLF indication works for all copper media speeds through the FASTLINK_FAIL pin. Fast link failure is supported through
the MDINT (active low) pin only in 100BASE-TX mode. It is not supported through the MDINT pin and interrupt status
register 26, bit 7 in 10BASE-T mode.
Note:
A system can later confirm the fast link down indication for system management purposes by actively polling
the link status bit to determine if a link has failed.
Note:
Fast Link Failure Indication and Fast Link Failure 2 Indication should not be used when EEE is enabled on
a link.
5.14
Fast Link Failure 2™ (FLF2™) Indication
In order to enable specific industrial applications in which the system must be warned as quickly as possible that a link
might be going down, the VSC8540RT device features the FLF2 indicator function. This new feature enables the PHY
to indicate the onset of a potential link failure in less than 150 µs for 100BASE-TX operation. FLF2 is supported through
the FASTLINK_FAIL pin.
This new functionality goes beyond the normal FLF indicator function, which must be enabled concurrently with FLF2,
and is enabled by writing a 1 to bit 15 of register 20E2.
A system can later confirm the fast link down indication for system management purposes by actively polling the link
status bit to determine if a link has failed.
Note:
For 10/100 links, the notification timing performance is only guaranteed for link loss due to failure of the PHY
MDI pair operating as the ingress (receive) pair to the PHY.
Note:
FLF2 should not be used when EEE is enabled on a link.
Tx Path
Rx Path
Wake-on-LAN
Detect
WOL_MAC_ADDR
ADDR_REPEAT_CNT
Secure-On enable
Secure-On
password length
Secure-On password
WoL Detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com