Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540RT Datasheet(PDF) 64 Page - Microchip Technology

Part # VSC8540RT
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540RT Datasheet(HTML) 64 Page - Microchip Technology

Back Button VSC8540RT Datasheet HTML 60Page - Microchip Technology VSC8540RT Datasheet HTML 61Page - Microchip Technology VSC8540RT Datasheet HTML 62Page - Microchip Technology VSC8540RT Datasheet HTML 63Page - Microchip Technology VSC8540RT Datasheet HTML 64Page - Microchip Technology VSC8540RT Datasheet HTML 65Page - Microchip Technology VSC8540RT Datasheet HTML 66Page - Microchip Technology VSC8540RT Datasheet HTML 67Page - Microchip Technology VSC8540RT Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 87 page
background image
VSC8540RT
DS60001603E-page 64
2022 Microchip Technology Inc. and its subsidiaries
8.0
ELECTRICAL SPECIFICATIONS
This section provides the absolute maximum ratings, recommended operating conditions, DC characteristics and AC
characteristics for the VSC8540RT device
8.1
Absolute Maximum Ratings
The following table lists the absolute maximum ratings.
1: This device has completed all the required testing in the ANSI/ESDA/JEDEC standard JS-002, Electrostatic
Discharge (ESD) Sensitivity Testing, Charged Device Model (CDM), and complies with a Class C2a rating.
The definition of Class C2a is any part that passes an ESD pulse of 500V, but fails an ESD pulse of 750 V.
2: This device has completed all the required testing in the JEDEC standard JESD22-C101, ESD Sensitivity
Testing, CDM, and complies with a Class C4 rating. The definition of Class C4 is any part that passes an
ESD pulse of 1000V.
3: This device has completed all required testing as specified in the ANSI/ESDA/JEDEC standard JS-001,
ESD Sensitivity Testing, Human Body Model (HBM), and complies with a Class 2 rating. The definition of
Class 2 is any part that passes an ESD pulse of 2000V, but fails an ESD pulse of 4000V.
Warning This device can be damaged by electrostatic discharge (ESD) voltage. Microchip recommends that all inte-
grated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures
may adversely affect reliability of the device.
8.2
Recommended Operating Conditions
The following table lists the recommended operating conditions.
TABLE 8-1:
ABSOLUTE MAXIMUM RATINGS*
Parameter
Symbol
Min
Max
Unit
Storage temperature:
TS
*Notice: Stresses beyond
those listed under
“Absolute Maximum
Ratings” may cause
permanent damage to the
device. This is a stress
rating only and functional
operation of the device at
these or other conditions
beyond those indicated in
the operational sections of
this specification is not
implied. Exposure to
absolute maximum rating
conditions for extended
periods may affect device
reliability.
Hermetic package CQFP68
–60
150
°C
Plastic package QFN68
IPC/JEDEC J-STD-033
Power supply voltage for core supply
VDD1
–0.3
1.10
V
Power supply voltage for analog circuits
VDD1A
–0.3
1.10
V
Power supply voltage for analog circuits
VDD25A
–0.3
2.75
V
Power supply voltage for digital I/O
VDDMAC,
VDDIO, VDDM-
DIO
–0.3
3.6
V
Input voltage for digital I/O (3.3V)
3.6
V
Input voltage for digital I/O (2.5V)
3.3
V
Electrostatic discharge voltage, charged
device model (CQFP68)
VESD_CDM
5001
V
Electrostatic discharge voltage, charged
device model (VQFN68)
VESD_CDM
10002
V
Electrostatic discharge voltage, human
body model
VESD_HBM
20003
V
TABLE 8-2:
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol Minimum Typical Maximum Unit
Power supply voltage for core supply
VDD1
0.95
1.00
1.05
V
Power supply voltage for analog circuits
VDD1A
0.95
1.00
1.05
V
2.5V power supply voltage for analog circuits
VDD25A
2.38
2.5
2.62
V
2.5V power supply voltage for VDDMAC, VDDIO, and VDDM-
DIO
V25
2.38
2.5
2.62
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com