Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540RT Datasheet(PDF) 24 Page - Microchip Technology

Part # VSC8540RT
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540RT Datasheet(HTML) 24 Page - Microchip Technology

Back Button VSC8540RT Datasheet HTML 20Page - Microchip Technology VSC8540RT Datasheet HTML 21Page - Microchip Technology VSC8540RT Datasheet HTML 22Page - Microchip Technology VSC8540RT Datasheet HTML 23Page - Microchip Technology VSC8540RT Datasheet HTML 24Page - Microchip Technology VSC8540RT Datasheet HTML 25Page - Microchip Technology VSC8540RT Datasheet HTML 26Page - Microchip Technology VSC8540RT Datasheet HTML 27Page - Microchip Technology VSC8540RT Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 87 page
background image
VSC8540RT
DS60001603E-page 24
2022 Microchip Technology Inc. and its subsidiaries
FIGURE 5-9:
EXTERNAL 3.3V REFERENCE CLOCK
Note:
Reference clock source less than
/10 from XTAL1.
Note:
No voltage scaling is required for a 2.5V external reference.
5.6
Ethernet Inline-Powered Devices
The VSC8540RT device can detect legacy inline-powered devices in Ethernet network applications. Inline-powered
detection capability is useful in systems that enable IP phones and other devices (such as wireless access points) to
receive power directly from their Ethernet cable, similar to office digital phones receiving power from a private branch
exchange (PBX) office switch over telephone cabling. This type of setup eliminates the need for an external power sup-
ply and enables the inline-powered device to remain active during a power outage, assuming that the Ethernet switch
is connected to an uninterrupted power supply, battery, back-up power generator, or other uninterruptable power source.
For more information about legacy inline-powered device detection, visit the Cisco website at www.cisco.com. The fol-
lowing illustration shows an example of an inline-powered Ethernet switch application.
XTAL1
270 Ω
± 5%
820 Ω
± 5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com