Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540RT Datasheet(PDF) 37 Page - Microchip Technology

Part # VSC8540RT
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540RT Datasheet(HTML) 37 Page - Microchip Technology

Back Button VSC8540RT Datasheet HTML 33Page - Microchip Technology VSC8540RT Datasheet HTML 34Page - Microchip Technology VSC8540RT Datasheet HTML 35Page - Microchip Technology VSC8540RT Datasheet HTML 36Page - Microchip Technology VSC8540RT Datasheet HTML 37Page - Microchip Technology VSC8540RT Datasheet HTML 38Page - Microchip Technology VSC8540RT Datasheet HTML 39Page - Microchip Technology VSC8540RT Datasheet HTML 40Page - Microchip Technology VSC8540RT Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 87 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS60001603E-page 37
VSC8540RT
Bit numbering follows the IEEE standard with bit 15 being the most significant bit and bit 0 being the least significant bit.
6.2
IEEE 802.3 and Main Registers
In the VSC8540RT device, the page space of the standard registers consist of the IEEE 802.3 standard registers and
the Microchip standard registers. The following table lists the names of the registers associated with the addresses as
specified by IEEE 802.3.
The following table lists the names of the registers in the main page space of the device. These registers are accessible
only when register address 31 is set to 0x0000.
TABLE 6-1:
IEEE 802.3 REGISTERS
Address
Name
0
Mode Control
1
Mode Status
2
PHY Identifier 1
3
PHY Identifier 2
4
Auto-negotiation Advertisement
5
Auto-negotiation Link Partner Ability
6
Auto-negotiation Expansion
7
Auto-negotiation Next-Page Transmit
8
Auto-negotiation Link Partner Next-Page
Receive
9–12
Reserved
13
MMD EEE Access
14
MMD Address or Data Register
15
Reserved
TABLE 6-2:
MAIN REGISTERS
Address
Name
16
100BASE-TX status extension
17
Reserved
18
Bypass control
19
Error Counter 1
20
Error Counter 2
21
Error Counter 3
22
Extended control and status
23
Extended PHY control 1
24
Extended PHY control 2
25
Interrupt mask
26
Interrupt status
27
Reserved
28
Auxiliary control and status
29
LED mode select
30
LED behavior
31
Extended register page access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com