Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-SV Datasheet(PDF) 18 Page - Microchip Technology

Part # VSC8540XMVRT-SV
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-SV Datasheet(HTML) 18 Page - Microchip Technology

Back Button VSC8540XMVRT-SV Datasheet HTML 14Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 15Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 16Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 17Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 18Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 19Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 20Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 21Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 87 page
background image
VSC8540RT
DS60001603E-page 18
2022 Microchip Technology Inc. and its subsidiaries
FIGURE 5-5:
MODE 2
5.2.4
MAC INTERFACE EDGE RATE CONTROL
The VSC8540RT device includes programmable control of the rise/fall times for the MAC interface signals. The default
setting will select the fastest rise/fall times. However, the fast edge rate will result in higher power consumption on the
MAC interface and may result in higher EMI.
It is recommended that the user select the appropriate edge rate setting based on the VDDMAC supply voltage, as
shown in the following table.
In order to further reduce power consumption and EMI, the user may elect to choose a slower edge rate than recom-
mended if the end application supports it.
The MAC interface signal rise/fall times can be changed by writing to register bits 27E2.7:5. The typical change in edge
rate for each setting at various VDDMAC voltages is shown in the following table.
These values are based on measurements performed on typical silicon at nominal supply and room temperature set-
tings.
5.3
Hardware Mode Strapping and PHY Addressing
The VSC8540RT device provides hardware-configured modes of operation that are achieved by sampling output pins
on the rising edge of reset and pulling the pin to a logic HIGH or LOW level. If the default logic level set by the internal
pulling resistors (detailed in Type column of section Pins by Function) is not the desired one, external stronger 4k7 pull-
TABLE 5-4:
RECOMMENDED EDGE RATE SETTINGS
VDDMAC Voltage Edge Rate Setting
3.3V
100
2.5V
100
1.8V
111
1.5V
111
TABLE 5-5:
MAC INTERFACE EDGE RATE CONTROL
Register Setting
Edge Rate Change (VDDMAC)
3.3V
2.5V
1.8V
1.5V
111 (fastest)
Default
Default
Default
(recommended)
Default
(recommended)
110
–2%
–3%
–5%
–6%
101
–4%
–6%
–9%
–14%
100
–7% (recommended)
–10% (recommended) –16%
–21%
011
–10%
–14%
–23%
–29%
010
–17%
–23%
–35%
–42%
001
–29%
–37%
–52%
–58%
000 (slowest)
–53%
–63%
–76%
–77%
MAC
SimpliPHY
TX_EN
TXD[1:0]
RX_ER
CRS_DV
RXD[1:0]
TX_EN
TXD[1:0]
RX_ER
CRS_DV
RXD[1:0]
RMII_CLK
TX_EN
TXD[1:0]
RX_ER
RX_CTL
RXD[1:0]
RMII_CLKIN
XTAL1
XTAL2
PLL
RMII_CLKOUT
25/50/125 MHz
Ref clock
TX_ER
TX_ER
TX_ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com