Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-SV Datasheet(PDF) 9 Page - Microchip Technology

Part # VSC8540XMVRT-SV
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-SV Datasheet(HTML) 9 Page - Microchip Technology

Back Button VSC8540XMVRT-SV Datasheet HTML 5Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 6Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 7Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 8Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 9Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 10Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 11Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 12Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 87 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS60001603E-page 9
VSC8540RT
Miscellaneous
REF_FILT_A
67
A
VDD25A
Reference filter connects to an external
0.01 uF (20%) capacitor to analog
ground
Miscellaneous
REF_REXT_A
1
A
VDD25A
Reference connects to an external 2k Ω
(1%) resistor to analog ground
Miscellaneous
RESERVED_0
66
VDD25A
Reserved signal, leave unconnected
Miscellaneous
RESERVED_1
65
VDD25A
Reserved signal, leave unconnected
Miscellaneous
RESERVED_2
7
ADIFF VDD25A
Internal test signal. Connect a 100 Ω
(5%) resistor across this pin and pin 6.
Miscellaneous
RESERVED_3
6
ADIFF VDD25A
Internal test signal. Connect a 100 Ω
(5%) resistor across this pin and pin 7.
Miscellaneous
RESERVED_4
4
ADIFF VDD25A
Internal test signal. Connect a 100 Ω
(5%) resistor across this pin and pin 3.
Miscellaneous
RESERVED_5
3
ADIFF VDD25A
Internal test signal. Connect a 100 Ω
(5%) resistor across this pin and pin 4.
Miscellaneous
RESERVED_6
47
I, PD
VDDMAC
Reserved signal, leave unconnected
Miscellaneous
RESERVED_7
46
I, PD
VDDMAC
Reserved signal, leave unconnected
Miscellaneous
RESERVED_8
45
I, PD
VDDMAC
Reserved signal, leave unconnected
Miscellaneous
RESERVED_9
43
I, PD
VDDMAC
Reserved signal, leave unconnected
Miscellaneous
RXD4
24
I/O,
PD
VDDMAC
SOF output. The logic state on this pin is
latched on the rising edge of NRESET to
configure the device. See Hardware
Mode Strapping and PHY Addressing
for details. Does not perform any GMII
function for this device.
Miscellaneous
RXD5
23
I/O,
PD
VDDMAC
SOF output. The logic state on this pin is
latched on the rising edge of NRESET to
configure the device. See Hardware
Mode Strapping and PHY Addressing
for details. Does not perform any GMII
function for this device.
Miscellaneous
RXD6
21
I/O,
PD
VDDMAC
SOF output. The logic state on this pin is
latched on the rising edge of NRESET to
configure the device. See Hardware
Mode Strapping and PHY Addressing
for details. Does not perform any GMII
function for this device.
Miscellaneous
RXD7
20
I/O,
PD
VDDMAC
SOF output. The logic state on this pin is
latched on the rising edge of NRESET to
configure the device. See Hardware
Mode Strapping and PHY Addressing
for details. Does not perform any GMII
function for this device.
TABLE 3-2:
PINS BY FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com