Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-SV Datasheet(PDF) 39 Page - Microchip Technology

Part # VSC8540XMVRT-SV
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-SV Datasheet(HTML) 39 Page - Microchip Technology

Back Button VSC8540XMVRT-SV Datasheet HTML 35Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 36Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 37Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 38Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 39Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 40Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 41Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 42Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 87 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS60001603E-page 39
VSC8540RT
6.2.3
DEVICE IDENTIFICATION
All 16 bits in both register 2 and register 3 in the VSC8540RT device is used to provide information associated with
aspects of the device identification. The following tables list the expected readouts.
6.2.4
AUTO-NEGOTIATION ADVERTISEMENT
The bits in address 4 in the main registers space control the ability to notify other devices of the status of its auto-nego-
tiation feature. The following table shows the available settings and readouts.
8
Extended status enable
RO
1: Extended status information present in register
15.
1
7
Reserved
RO
Reserved.
6
Preamble suppression capa-
bility
RO
1: MF preamble can be suppressed.
0: MF required.
1
5
Auto-negotiation complete
RO
1: Auto-negotiation complete.
0
4
Remote fault
RO
Latches high.
1: Far-end fault detected.
0
3
Auto-negotiation capability
RO
1: Auto-negotiation capable.
1
2
Link status
RO
Latches low.
1: Link is up.
0
1
Jabber detect
RO
Latches high.
1: Jabber condition detected.
0
0
Extended capability
RO
1: Extended register capable.
1
TABLE 6-5:
IDENTIFIER 1, ADDRESS 2 (0X02)
Bit
Name
Access
Description
Default
15:0 Organizationally unique identifier (OUI) RO
OUI most significant bits (3:18)
0×0007
TABLE 6-6:
IDENTIFIER 2, ADDRESS 3 (0X03)
Bit
Name
Access
Description
Default
15:10 OUI
RO
OUI least significant bits (19:24)
000001
9:4
Microchip model number
RO
VSC8540RT
110110
3:0
Device revision number
RO
Revision C
0010
TABLE 6-7:
DEVICE AUTO-NEGOTIATION ADVERTISEMENT, ADDRESS 4 (0X04)
Bit
Name
Access
Description
Default
15
Next page transmission request R/W
1: Request enabled
0
14
Reserved
RO
Reserved
13
Transmit remote fault
R/W
1: Enabled
0
12
Reserved
RO
Reserved
11
Advertise asymmetric pause
R/W
1: Advertises asymmetric pause
0
10
Advertise symmetric pause
R/W
1: Advertises symmetric pause
0
9
Advertise100BASE-T4
R/W
1: Advertises 100BASE-T4
0
8
Advertise100BASE-TX FDX
R/W
1: Advertise 100BASE-TX FDX
1
7
Advertise100BASE-TX HDX
R/W
1: Advertises 100BASE-TX HDX 1
6
Advertise10BASE-T FDX
R/W
1: Advertises 10BASE-T FDX
1
5
Advertise10BASE-T HDX
R/W
1: Advertises 10BASE-T HDX
1
4:0 Advertise selector
R/W
00001
TABLE 6-4:
MODE STATUS, ADDRESS 1 (0X01) (CONTINUED)
Bit
Name
Access
Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com