Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-SV Datasheet(PDF) 1 Page - Microchip Technology

Part # VSC8540XMVRT-SV
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-SV Datasheet(HTML) 1 Page - Microchip Technology

  VSC8540XMVRT-SV Datasheet HTML 1Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 2Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 3Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 4Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 5Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 6Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 7Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 8Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 87 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS60001603E-page 1
VSC8540RT
OVERVIEW
The VSC8540RT device is a radiation tolerant single port Fast Ethernet copper PHY targeting space-constrained 10/
100BASE-TX applications. It is designed to withstand the harsh aerospace environment with enhanced radiation per-
formances, extreme temperatures, and vacuum while being highly reliable. It features integrated line-side termination
to conserve board space, lower EMI, and improve system performance. Additionally, integrated RGMII timing compen-
sation eliminates the need for on-board delay lines.
Microchip’s EcoEthernet™ v2.0 technology supports IEEE® 802.3az Energy-Efficient Ethernet (EEE) and power-saving
features to reduce power based on link state and cable reach. VSC8540RT device optimizes power consumption in all
link operating speeds and features a Wake-on-LAN (WoL) power management mechanism for bringing the PHY out of
a low-power state using designated magic packets.
Fast link failure (FLF) indication for high availability networks identifies the onset of a link failure for 10BASE-T/
100BASE-TX links. Potential link failure events can be more flexibly monitored using an enhanced FLF2 state machine,
which goes beyond FLF indication by enabling signaling of the link potentially going down within 150 µs.
The device includes recovered clock output for Synchronous Ethernet applications. Programmable clock squelch con-
trol is included to inhibit undesirable clocks from propagating and to help prevent timing loops.
The following illustration shows a high-level, general view of a typical VSC8540RT application.
APPLICATION DIAGRAM
FEATURES
Superior PHY and Interface Technology
• Integrated 10/100BASE-TX Ethernet copper transceiver with the industry’s only non-TDR-based VeriPHY™ cable
diagnostics algorithm
• Patented line driver with low EMI voltage mode architecture and integrated line-side termination resistors
• Wake-on-LAN using magic packets
• HP Auto-MDIX and manual MDI/MDIX support
• RGMII/MII/RMII MAC interface
• Jumbo frame support up to 16 Kbytes with programmable synchronization FIFOs
Synchronous Ethernet and IEEE 1588 Time Stamp Support
• Recovered clock output with programmable clock squelch control for G.8261 Synchronous Ethernet applications
• Clock output squelch to inhibit clocks during auto-negotiation and no link status
• Clause 45 registers to support IEEE 802.3bf
VSC8540RT
Radiation-Tolerant Single Port Fast Ethernet Copper
PHY with RGMII/MII/RMII Interfaces


Similar Part No. - VSC8540XMVRT-SV

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
VSC8541-01 MICROSEMI-VSC8541-01 Datasheet
1Mb / 100P
Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
logo
Microchip Technology
VSC8541-02 MICROCHIP-VSC8541-02 Datasheet
1Mb / 101P
Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
Revision 4.1
VSC8541XMV-02 MICROCHIP-VSC8541XMV-02 Datasheet
1Mb / 101P
Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
Revision 4.1
VSC8541XMV-05 MICROCHIP-VSC8541XMV-05 Datasheet
1Mb / 101P
Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
Revision 4.1
More results

Similar Description - VSC8540XMVRT-SV

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
KSZ8795CLX MICROCHIP-KSZ8795CLX Datasheet
1Mb / 132P
Integrated 5-Port 10/100-Managed Ethernet Switch with Gigabit GMII/RGMII and MII/RMII Interfaces
07/14/15
KSZ8775CLX MICROCHIP-KSZ8775CLX Datasheet
1Mb / 132P
Integrated 5?밣ort 10/100 Managed Ethernet Switch with Port 4 RMII and Port 5 RGMII/MII/RMII Interfaces
06/17/16
KSZ8765CLX MICROCHIP-KSZ8765CLX Datasheet
1Mb / 131P
Integrated 5-Port 10/100-Managed Ethernet Switch with Gigabit GMII/RGMII and MII/RMII Interfaces
07/14/15
KSZ9477S MICROCHIP-KSZ9477S Datasheet
2Mb / 266P
7-Port Gigabit Ethernet Switch with Ring Redundancy, SGMII and RGMII/MII/RMII Interfaces
05/14/19
KSZ9567R MICROCHIP-KSZ9567R Datasheet
3Mb / 232P
7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
DS00002329D 07-08-19
KSZ9893R MICROCHIP-KSZ9893R Datasheet
3Mb / 189P
3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface
DS00002420D 06-11-19
logo
Microsemi Corporation
VSC8530-04 MICROSEMI-VSC8530-04 Datasheet
1Mb / 81P
Single Port Industrial Grade Fast Ethernet Copper PHY with RGMII/RMII Interfaces
VSC8530-05 MICROSEMI-VSC8530-05 Datasheet
1Mb / 80P
Single Port Industrial Grade Fast Ethernet Copper PHY with RGMII/RMII Interfaces
VSC8541-01 MICROSEMI-VSC8541-01 Datasheet
1Mb / 100P
Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
logo
Microchip Technology
VSC8541-02 MICROCHIP-VSC8541-02 Datasheet
1Mb / 101P
Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
Revision 4.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com