Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-SV Datasheet(PDF) 83 Page - Microchip Technology

Part # VSC8540XMVRT-SV
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-SV Datasheet(HTML) 83 Page - Microchip Technology

Back Button VSC8540XMVRT-SV Datasheet HTML 79Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 80Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 81Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 82Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 83Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 84Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 85Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 86Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 87Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 83 / 87 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS60001603E-page 83
VSC8540RT
APPENDIX A: REVISION HISTORY
The revision history describes the changes that were implemented in the document. The changes are listed by revision,
starting with the oldest publication.
A.1
Rev. E - 0
5/2022
In the revision E of the document,
updated Figure 3-1.
A.2
Rev. D - 09/2021
The following is a summary of changes in revision D of this document.
• Updated the PIN DIAGRAM image. For more information, see Figure 3-1.
• Updated the table under the section Pins by Function. For more information, see Table 3-2.
• Updated the ORDERING INFORMATION table. For more information, see Table 4-1.
• Added a section in the DESIGN CONSIDERATIONS chapter. For more information, see Section 7.5, "Half-duplex
operation in RGMII MAC interface mode".
• Updated the ABSOLUTE MAXIMUM RATINGS table. For more information, see Table 8-1.
A.3
Rev. C - 10/2020
The following is a summary of changes in revision C of this document.
• Updated the Mode 2 section with external clock frequency values. For more information, see Section 5.2.3.2.2,
"Mode 2".
• Updated the note under the ABSOLUTE MAXIMUM RATINGS table. For more information, see Table 8-1.
• Updated the VOLTAGE MODE LINE DRIVER section with updated figures. For more information, see Section
5.4.1, "Voltage Mode Line Driver".
• Updated the THERMAL SPECIFICATIONS section. For more information, see Section 9.1.2, "Thermal Specifica-
tions".
• Updated the THERMAL SPECIFICATIONS section. For more information, see Section 9.2.2, "Thermal Specifica-
tions".
A.4
Rev. B - 08/2020
The following is a summary of changes in revision B of this document.
• Updated the operating temperature range and CDM. For more information, see “Features”.
• Updated the introduction paragraph in the Hardware Mode Strapping and PHY Addressing section. For more
information, see Section 5.3, "Hardware Mode Strapping and PHY Addressing".
• Updated the VOLTAGE MODE LINE DRIVER section with updated figures. For more information, see Section
5.4.1, "Voltage Mode Line Driver".
• Updated the ABSOLUTE MAXIMUM RATINGS table. For more information, see Table 8-1.
• Updated the CURRENT CONSUMPTION and CURRENT CONSUMPTION (VDDMAC) tables. For more informa-
tion, see Table 8-12.
• Updated the THERMAL SPECIFICATIONS section. For more information, see Section 9.1.2, "Thermal Specifica-
tions".
• Updated the THERMAL SPECIFICATIONS section. For more information, see Section 9.2.2, "Thermal Specifica-
tions".
A.5
Rev. A - 11/2019
Revision Rev A was published in November 2019. It was the first publication of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com