Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-SV Datasheet(PDF) 60 Page - Microchip Technology

Part # VSC8540XMVRT-SV
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-SV Datasheet(HTML) 60 Page - Microchip Technology

Back Button VSC8540XMVRT-SV Datasheet HTML 56Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 57Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 58Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 59Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 60Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 61Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 62Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 63Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 87 page
background image
VSC8540RT
DS60001603E-page 60
2022 Microchip Technology Inc. and its subsidiaries
6.5.5
ENHANCED LED CONTROL
Register 25G in the extended register space controls the advanced functionality of the parallel LED signals.
6.6
Clause 45 Registers to Support Energy-Efficient Ethernet and 802.3bf
This section describes the Clause 45 registers that are required to support energy-efficient Ethernet. Access to these
registers is through the IEEE standard registers 13 and 14 (MMD access control and MMD data or address registers).
The following table lists the addresses and register names in the Clause 45 register page space. When the link is down,
0 is the value returned for the x.180x addresses.
5:4
Clock squelch level
R/W
Select clock squelch level.
00: Automatically squelch clock to low when the link is not up,
is unstable, is up in a mode that does not support the genera-
tion of a recovered clock (10BASE-T), or is up in EEE mode
(100BASE-TX ).
01: Same as 00 except that the clock is also generated in
10BASE-T link-up mode. This mode also generates a recov-
ered clock output in EEE mode during reception of LP_IDLE.
10: Squelch only when the link is not up.
11: Disable clock squelch.
Note:
A clock from the Cu PHY will be output on the recov-
ered clock output in this mode when the link is
down.
When the CLK_SQUELCH_IN pin is set high, it squelches the
recovered clocks regardless of bit settings.
00
3
Reserved
RO
Reserved.
2:0
Clock selection
R/W
000: Reserved.
001: Copper PHY recovered clock.
010–111: Reserved.
000
TABLE 6-53:
ENHANCED LED CONTROL, ADDRESS 25G (0X19)
Bit
Name
Access
Description
Default
15:8 LED pulsing duty
cycle control
R/W
Programmable control for LED pulsing duty cycle when
bit 30.12 is set to 1. Valid settings are between 0 and
198. A setting of 0 corresponds to a 0.5% duty cycle and
198 corresponds to a 99.5% duty cycle. Intermediate
values change the duty cycle in 0.5% increments.
0x00
7:0
Reserved
RO
Reserved.
TABLE 6-54:
CLAUSE 45 REGISTERS PAGE SPACE
Address
Name
1.1
PMA/PMD status 1
1.1800
PMA/PMD time sync capable
1.1801
PMA/PMD delay Tx max.
1.1803
PMA/PMD delay Tx min.
1.1805
PMA/PMD delay Rx max.
1.1807
PMA/PMD delay Rx min.
3.1
PCS status 1
3.20
EEE capability
3.22
EEE wake error counter
TABLE 6-52:
RECOVERED CLOCK CONTROL, ADDRESS 23G (0X17) (CONTINUED)
Bit
Name
Access
Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com