Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-SV Datasheet(PDF) 40 Page - Microchip Technology

Part # VSC8540XMVRT-SV
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-SV Datasheet(HTML) 40 Page - Microchip Technology

Back Button VSC8540XMVRT-SV Datasheet HTML 36Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 37Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 38Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 39Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 40Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 41Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 42Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 43Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 87 page
background image
VSC8540RT
DS60001603E-page 40
2022 Microchip Technology Inc. and its subsidiaries
6.2.5
LINK PARTNER AUTO-NEGOTIATION CAPABILITY
The bits in main register 5 can be used to determine if the Cat5 link partner (LP) used with the VSC8540RT device is
compatible with the auto-negotiation functionality.
6.2.6
AUTO-NEGOTIATION EXPANSION
The bits in main register 6 work together with those in register 5 to indicate the status of the LP auto-negotiation func-
tioning. The following table shows the available settings and readouts.
6.2.7
TRANSMIT AUTO-NEGOTIATION NEXT PAGE
The settings in register 7 in the main registers space provide information about the number of pages in an auto-negoti-
ation sequence. The following table shows the settings available.
TABLE 6-8:
AUTO-NEGOTIATION LINK PARTNER ABILITY, ADDRESS 5 (0X05)
Bit
Name
Access
Description
Default
15
LP next page transmission request RO
1: Requested
0
14
LP acknowledge
RO
1: Acknowledge
0
13
LP remote fault
RO
1: Remote fault
0
12
Reserved
RO
Reserved
11
LP advertise asymmetric pause
RO
1: Capable of asymmetric pause
0
10
LP advertise symmetric pause
RO
1: Capable of symmetric pause
0
9
LP advertise 100BASE-T4
RO
1: Capable of 100BASE-T4
0
8
LP advertise 100BASE-TX FDX
RO
1: Capable of 100BASE-TX FDX 0
7
LP advertise 100BASE-TX HDX
RO
1: Capable of 100BASE-TX HDX 0
6
LP advertise 10BASE-T FDX
RO
1: Capable of 10BASE-T FDX
0
5
LP advertise 10BASE-T HDX
RO
1: Capable of 10BASE-T HDX
0
4:0 LP advertise selector
RO
00000
TABLE 6-9:
AUTO-NEGOTIATION EXPANSION, ADDRESS 6 (0X06)
Bit
Name
Access
Description
Default
15:5 Reserved
RO
Reserved.
4
Parallel detection fault
RO
This bit latches high.
1: Parallel detection fault.
0
3
LP next page capable
RO
1: LP is next page capable.
0
2
Local PHY next page capable RO
1: Local PHY is next page capable.
1
1
Page received
RO
This bit latches high.
1: New page is received.
0
0
LP is auto-negotiation capa-
ble
RO
1: LP is capable of auto-negotiation. 0
TABLE 6-10:
AUTO-NEGOTIATION NEXT PAGE TRANSMIT, ADDRESS 7 (0X07)
Bit
Name
Access
Description
Default
15
Next page
R/W
1: More pages follow.
0
14
Reserved
RO
Reserved.
13
Message page
R/W
1: Message page.
0: Unformatted page.
1
12
Acknowledge 2
R/W
1: Complies with request.
0: Cannot comply with request.
0
11
Toggle
RO
1: Previous transmitted LCW = 0.
0: Previous transmitted LCW = 1.
0
10:0 Message/unformatted code R/W
00000000001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com