Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBTL05024BSHP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # CBTL05024BSHP
Description  High performance multiplexer/demultiplexer switch for Thunderbolt applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTL05024BSHP Datasheet(HTML) 2 Page - NXP Semiconductors

  CBTL05024BSHP Datasheet HTML 1Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 2Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 3Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 4Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 5Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 6Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 7Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 8Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
CBTL05024
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 4 — 27 March 2014
2 of 21
NXP Semiconductors
CBTL05024
High performance MUX/deMUX switch for Thunderbolt applications
Low ON-state resistance: 13
 (typical); 16  (maximum)
Bandwidth: 3 GHz
Low off-state isolation:
80 dB at 5 MHz; 55 dB at 360 MHz
Low crosstalk:
26 dB at 2.7 GHz
Common-mode input voltage VIC: 0 V to 3.3 V
Differential input voltage VID: 1.4 V (maximum)
DDC channel
ON-state resistor: 50
 (maximum)
100 kHz 3.3 V voltage swing signal
Both AUXIO+ and AUXIO
 outputs have 85 k (20 %) resistors
The 85 k
 AUXIO pull-up resistor
The 85 k
 AUXIO+ pull-down resistor is always present
2.2 DP MUX 2 : 1 switch
Multiplexes between differential DP ML signal and LSTX/LSRX signals
The DP ML (DisplayPort Main Link) runs up to HBR2 data rate of 5.4 Gbit/s
The low speed DC-coupled signals LSTX and LSRX are 3.3 V single-ended signals
that operate at 1 Mbit/s
5.4 Gbit/s DP-DPMLO path for DP MUX
Low insertion loss for DP-DPMLO path:
1.2 dB at 2.7 GHz
Low return loss for DP-DPMLO path:
15 dB at 2.7 GHz
Low ON-state resistance for DP-DPMLO path: 9
High bandwidth: 5.5 GHz
Low off-state isolation:
20 dB at 2.7 GHz
Low crosstalk:
25 dB at 2.7 GHz
Common-mode input voltage VIC: 0 V to 3.3 V
Differential input voltage VID: 1.4 V (maximum)
LS-DPMLO path for DP MUX
Low insertion loss: single-ended insertion loss (ON) is
1.0 dB at 5 MHz
Low return loss: single-ended return loss (ON) is
20 dB at 5 MHz
Low ON-state resistance: 16
 (typical) for V
DD =3.3 V
High bandwidth: Single-ended
3 dB bandwidth is 1 GHz
Low off-state isolation: single-ended insertion loss (OFF) is
60 dB at 5 MHz
Low crosstalk:
40 dB at 5 GHz
2.3 General
The input of the HPD (Hot Plug Detect) buffer is 5 V tolerant
HPDOUT and CA_DETOUT buffers
CA_DET input leakage current < 0.1
A to prevent driving the 1 M pull-down to a
HIGH level
Integrated LSRX buffer with 1 M
 pull-down resistor (R1) on the LSRX buffer input
Integrated 8.75 k
 pull-up resistor (R4) on the LSTX pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com