Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBTL05024BSHP Datasheet(PDF) 12 Page - NXP Semiconductors

Part # CBTL05024BSHP
Description  High performance multiplexer/demultiplexer switch for Thunderbolt applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTL05024BSHP Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button CBTL05024BSHP Datasheet HTML 8Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 9Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 10Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 11Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 12Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 13Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 14Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 15Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
CBTL05024
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 4 — 27 March 2014
12 of 21
NXP Semiconductors
CBTL05024
High performance MUX/deMUX switch for Thunderbolt applications
9.4 Control signals characteristics
[1]
The leakage current on CA_DET pin must not drive the 1 M
 pull-down to a HIGH level.
VI
input voltage
LSTX/LSRX to DPMLO+/DPMLO
channel
0.3
-
VDD +0.3
V
VIC
common-mode input voltage
DP+/DP
 and DPMLO+/DPMLO
0-
VDD
V
VID
differential input voltage
DP+/DP
 to DPMLO+/DPMLO
channel
--
1.4
V
ILIH
HIGH-level input leakage
current
DP+/DP
 and DPMLO+ pins;
VDD =max; VI =VDD
--
1
A
DPMLO
 pins; V
DD =max; VI =VDD
--
5
A
ILIL
LOW-level input leakage
current
DP+/DP
 and DPMLO+/DPMLO pins;
VDD =max; VI =GND
--
1
A
Table 14.
Channel dynamic and static characteristics …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 15.
CA_DET input buffer characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
HIGH-level input voltage
2
-
-
V
VIL
LOW-level input voltage
-
-
0.8
V
ILI
input leakage current
measured with input at VIH =VDD
and VIL =0V
[1] --
0.1
A
Table 16.
HPD input buffer characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
HIGH-level input voltage
2
-
5
V
VIL
LOW-level input voltage
-
-
0.8
V
Table 17.
TB_ENA, DP_PD or AUXIO_EN input characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
HIGH-level input voltage
CMOS inputs
0.7
 V
DD
--
V
VIL
LOW-level input voltage
CMOS inputs
-
-
0.3
 V
DD
V
ILI
input leakage current
measured with input at VIH =VDD
and VIL =0V
-1
10
A
Table 18.
CA_DETOUT and HPDOUT output buffer characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOL
LOW-level output voltage
IOL =2mA; VDD =3V
0
-
0.4
V
VOH
HIGH-level output voltage
pull-up voltage; IOH = 2mA;
VDD =3V
2.5
-
-
V
tPD
propagation delay
load capacitance CL = 5 pF
-
50
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com