Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBTL05024BSHP Datasheet(PDF) 8 Page - NXP Semiconductors

Part # CBTL05024BSHP
Description  High performance multiplexer/demultiplexer switch for Thunderbolt applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTL05024BSHP Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button CBTL05024BSHP Datasheet HTML 4Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 5Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 6Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 7Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 8Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 9Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 10Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 11Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
CBTL05024
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 4 — 27 March 2014
8 of 21
NXP Semiconductors
CBTL05024
High performance MUX/deMUX switch for Thunderbolt applications
7.
Limiting values
[1]
All voltage values, except differential voltages, are with respect to network ground terminal.
[2]
Human Body Model: ANSI/ESDA/JEDEC JDS-001-2012 (Revision of ANSI/ESDA/JEDEC JS-001-2011),
ESDA/JEDEC Joint standard for ESD sensitivity testing, Human Body Model – Component level;
Electrostatic Discharge Association, Rome, NY, USA; JEDEC Solid State Technology Association,
Arlington, VA, USA.
[3]
Charged Device Model: JESD22-C101E December 2009 (Revision of JESD22-C101D, October 2008),
standard for ESD sensitivity testing, Charged Device Model – Component level; JEDEC Solid State
Technology Association, Arlington, VA, USA.
8.
Recommended operating conditions
[1]
During power supply negotiation only a limited supply voltage is available. The control logic and
multiplexers must be in full function with degraded performance. The channel between LSTX/LSRX and
DPMLO+/
 must work. The initial R
on of DP MUX in Table 14 should be < 50 .
Table 8.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
[1]
0.3
+4.6
V
VI
input voltage
[1]
0.3
+5.5
V
Tstg
storage temperature
65
+150
C
VESD
electrostatic discharge
voltage
HBM
[2] -
2000
V
CDM
[3] -
1000
V
Table 9.
Operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage
3.3 V supply option
3.0
3.3
3.6
V
initial supply voltage
before power supply
negotiation done
[1] 2.3
-
-
V
VI
input voltage
CMOS inputs
0.3
-
+5.5
V
MUX I/O pins
0.3
-
VDD +0.3
V
Tamb
ambient temperature
operating in free air
20
-
+85
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com