Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBTL05024BSHP Datasheet(PDF) 4 Page - NXP Semiconductors

Part # CBTL05024BSHP
Description  High performance multiplexer/demultiplexer switch for Thunderbolt applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTL05024BSHP Datasheet(HTML) 4 Page - NXP Semiconductors

  CBTL05024BSHP Datasheet HTML 1Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 2Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 3Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 4Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 5Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 6Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 7Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 8Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
CBTL05024
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 4 — 27 March 2014
4 of 21
NXP Semiconductors
CBTL05024
High performance MUX/deMUX switch for Thunderbolt applications
4.
Block diagram
Fig 1.
Block diagram of CBTL05024
002aag997
CONTROL
LOGIC
TB_ENA
AUXIO_EN
AUXIO−
AUXIO+
AUX
MUX
2 : 1
R3
85 kΩ
AUX−
AUX+
DDC_DAT
DDC_CLK
CA_DET
CA_DETOUT
HPD
HPDOUT
DP
MUX
2 : 1
DP+
DP−
LSTX
LSRX
3.3 V
DPMLO+
DPMLO−
DP_PD
CBTL05024
3.3 V
R2
85 kΩ
10G
MUX
2 : 1
R4
8.75 kΩ
TB−
TB+
LSRX buffer
R1
1 MΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com