Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBTL05024BSHP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # CBTL05024BSHP
Description  High performance multiplexer/demultiplexer switch for Thunderbolt applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTL05024BSHP Datasheet(HTML) 3 Page - NXP Semiconductors

  CBTL05024BSHP Datasheet HTML 1Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 2Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 3Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 4Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 5Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 6Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 7Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 8Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
CBTL05024
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 4 — 27 March 2014
3 of 21
NXP Semiconductors
CBTL05024
High performance MUX/deMUX switch for Thunderbolt applications
When AUXIO_EN = 1, TB_ENA = 0 and DP_PD = 1, the CBTL05024 is in
Detect mode
AUXIO+ and AUXIO
 of the TB MUX are disabled
LS path is selected in DP MUX
CA_DET and HPD buffers are on
When the CBTL05024 is in Detect mode, this chip consumes < 18
W
Patent-pending high bandwidth analog pass-gate technology
Very low intra-pair differential skew (5 ps typical)
Back current protection on connector pins (AUXIO+/
, DPMLO+/, CA_DET and HPD
pins)
All channels support rail-to-rail input voltage
All CMOS input buffer with hysteresis
Single 3.3 V
 10 % power supply
HVQFN24 3 mm
 3 mm package, 0.4 mm pitch, exposed center pad for thermal relief
and electrical ground
ESD: 2000 V HBM, 1000 V CDM
Operating temperature range
20 C to 85 C
3.
Ordering information
[1]
Maximum package height is 1 mm.
3.1 Ordering options
Table 1.
Ordering information
Type number
Topside
marking
Package
Name
Description
Version
CBTL05024BS
024
HVQFN24
plastic thermal enhanced very thin quad flat package; no leads;
24 terminals; body 3
 3  0.85 mm[1]
SOT905-1
Table 2.
Ordering options
Type number
Orderable
part number
Package
Packing method
Minimum
order quantity
Temperature
CBTL05024BS
CBTL05024BSHP
HVQFN24
Reel 13” Q2/T3
*standard mark SMD
6000
Tamb = 20 Cto+85 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com