Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBTL05024BSHP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # CBTL05024BSHP
Description  High performance multiplexer/demultiplexer switch for Thunderbolt applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTL05024BSHP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button CBTL05024BSHP Datasheet HTML 2Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 3Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 4Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 5Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 6Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 7Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 8Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 9Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
CBTL05024
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 4 — 27 March 2014
6 of 21
NXP Semiconductors
CBTL05024
High performance MUX/deMUX switch for Thunderbolt applications
5.2 Pin description
Table 3.
Pin description
Symbol
Pin
Type
Description
Data path signals
AUX
1
differential I/O
AUX differential signals. The input to this pin must
be AC-coupled externally.
AUX+
2
differential I/O
TB
7
differential I/O
Thunderbolt differential signals. These output
signals must be AC-coupled externally.
TB+
8
differential I/O
AUXIO
23
differential I/O
Differential signals for TB MUX.
AUXIO+
22
differential I/O
DDC_CLK
5
single-ended I/O
Pair of single-ended terminals for DDC clock and
data signals.
DDC_DAT
4
single-ended I/O
DP
10
differential I/O
High-speed differential pair. The input to this pin
must be AC-coupled externally.
DP+
11
differential I/O
DPMLO
20
differential I/O
Differential signals for DP MUX.
DPMLO+
19
differential I/O
LSRX
13
single-ended output Single-ended TB low speed receive signal.
LSTX
14
single-ended I/O
Single-ended TB low speed transmit signal.
Control signals
HPDOUT
12
CMOS output
Output buffer for HPD.
HPD
17
CMOS input
HPD input with 5 V tolerance.
CA_DET
18
CMOS input
When CA_DET = HIGH, DDC_CLK and DDC_DAT
is selected. When CA_DET = LOW, AUX path is
selected.
CA_DETOUT
16
CMOS output
3.3 V CMOS output buffer for CA_DET.
TB_ENA
15
CMOS input
The control input signal to enable Thunderbolt path
for TB MUX.
AUXIO_EN
24
CMOS input
The control signal for TB MUX.
DP_PD
6
CMOS input
The control signal for DP MUX. This MUX must
work during initial power-up that might have
VDD =2.3 V.
3.3 V supply option
VDD
3
Power
3.3 V supply. Pin 3 must be connected to system
power supply.
Ground connections
GND
9, 21
Ground
Supply ground (0 V).
GND
center
pad
Ground
The center pad must be connected to GND plane
for both electrical grounding and thermal relief.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com