Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBTL05024BSHP Datasheet(PDF) 1 Page - NXP Semiconductors

Part # CBTL05024BSHP
Description  High performance multiplexer/demultiplexer switch for Thunderbolt applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTL05024BSHP Datasheet(HTML) 1 Page - NXP Semiconductors

  CBTL05024BSHP Datasheet HTML 1Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 2Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 3Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 4Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 5Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 6Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 7Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 8Page - NXP Semiconductors CBTL05024BSHP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1.
General description
The CBTL05024 is a multiplexer/demultiplexer switch chip optimized to interface the
Thunderbolt/MiniDP connector with Thunderbolt systems. It supports 10.3125 Gbit/s
Thunderbolt or DisplayPort v1.2 channels.
The TB MUX is a 3 : 1 switch that selects between Thunderbolt data path and
DisplayPort v1.2 side-band signals — either DDC or AUX.
The DP MUX is a 2 : 1 switch that selects between DP ML (DisplayPort Main Link) and
LS TX/RX signals. Both LSTX and LSRX are the side-band signals for Thunderbolt
channel.
This chip also includes HPD and CA_DET buffers for HPD_IN and CA_DET control
signals.
CBTL05024 is powered by a 3.3 V supply and it is available in a 3 mm
 3 mm HVQFN24
package with 0.4 mm pitch.
2.
Features and benefits
2.1 TB MUX 3 : 1 switch
This 3 : 1 switch is implemented by two cascaded 2 : 1 switches
The first 2 : 1 10G MUX is controlled by TB_ENA, AUXIO_EN and DP_PD pins
The second 2 : 1 AUX MUX is controlled by CA_DET signal multiplexing of the
720 Mbit/s Differential FAUX (or 1 Mbit/s AUX) and DDC (Direct Display Control)
signals
When CA_DET is HIGH, DDC path is selected
Differential TB channel
Low insertion loss:
1.3 dB at 5 GHz
Low return loss: <
20 dB at 5 GHz
Low ON-state resistance: 8
Bandwidth: 10 GHz
Low off-state isolation:
20 dB at 5 GHz
Low crosstalk:
36 dB at 5 GHz
Differential input voltage VID: 1.2 V (maximum)
Differential AUX channel
Low insertion loss:
1.1 dB at 5 MHz; 1.8 dB at 360 MHz
Low return loss:
18 dB at 5 MHz; 16 dB at 360 MHz
CBTL05024
High performance multiplexer/demultiplexer switch for
Thunderbolt applications
Rev. 4 — 27 March 2014
Product data sheet


Similar Part No. - CBTL05024BSHP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTL05023 NXP-CBTL05023 Datasheet
107Kb / 4P
Multiplexer/demultiplexer switch for Thunderbolt applications
Rev. 2-15 August 2012
More results

Similar Description - CBTL05024BSHP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC54-74HC4016 ONSEMI-MC54-74HC4016 Datasheet
349Kb / 11P
Quad Analog Switch/ Multiplexer/Demultiplexer
REV 6
MC74LVXT4066 ONSEMI-MC74LVXT4066 Datasheet
265Kb / 12P
Quad Analog Switch/Multiplexer/Demultiplexer
March, 2000 ??Rev. 1
logo
List of Unclassifed Man...
IW4052B ETC-IW4052B Datasheet
196Kb / 6P
Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC4052A KODENSHI-KK74HC4052A Datasheet
300Kb / 8P
Analog Multiplexer/Demultiplexer High-Performance Silicon-Gate CMOS
KK4052B KODENSHI-KK4052B Datasheet
340Kb / 7P
Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC4053A IKSEMICON-IN74HC4053A Datasheet
225Kb / 9P
Analog Multiplexer/Demultiplexer High-Performance Silicon-Gate CMOS
IW4051B IKSEMICON-IW4051B Datasheet
236Kb / 7P
Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
IW4052B IKSEMICON-IW4052B Datasheet
256Kb / 7P
Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
IW4053B IKSEMICON-IW4053B Datasheet
194Kb / 7P
Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
logo
NXP Semiconductors
CBTL05023 NXP-CBTL05023 Datasheet
107Kb / 4P
Multiplexer/demultiplexer switch for Thunderbolt applications
Rev. 2-15 August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com