Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8522 Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8522
Description  24-bit, 192kHz 6-Channel DAC with 1.7Vrms Line Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8522 Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8522 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
Pre-Production
WM8522
w
PP Rev 3.1 May 2006
15
DIGITAL AUDIO INTERFACE
MASTER AND SLAVE MODES
The audio interface operates in either Slave or Master mode, selectable using the MS control bit. In
both Master and Slave modes DIN1/2/3 are always inputs to the WM8522.
In Slave mode, LRCLK and BCLK are inputs to the WM8522 DIN1/2/3 and LRCLK are sampled by
the WM8522 on the rising edge of BCLK.
By setting the control bit BCP the polarity of BCLK may be reversed so that DIN1/2/3 and LRCLK are
sampled on the falling edge of BCLK.
Figure 11 Slave Mode
In Master mode, LRCLK and BCLK are outputs from the WM8522 (Figure 12). LRCLK and BCLK are
generated by the WM8522. DIN1/2/3 are sampled by the WM8522 on the rising edge of BCLK.
By setting control bit BCP the polarity of BCLK may be reversed so that DIN1/2/3 are sampled on the
falling edge of BCLK.
Figure 12 Master Mode
BCLK
DIN1/2/3
LRCLK
WM8522
DAC
DSP/
DECODER
3
BCLK
DIN1/2/3
LRCLK
WM8522
DAC
DSP/
DECODER
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com