Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8522 Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM8522
Description  24-bit, 192kHz 6-Channel DAC with 1.7Vrms Line Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8522 Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM8522 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
Pre-Production
WM8522
w
PP Rev 3.1 May 2006
25
AUTOMUTE
The WM8522 can automute by counting zero samples on the DIN1/2/3 inputs. When 1024 zero
samples are counted on one channel, one of three internal zero flags (zflag1/2/3 shown in figure 2) is
raised. Depending on the external hardware and settings of DZFM, MPD and IZD, different automute
operations are possible.
MUTE PIN AS OUTPUT
If the MUTE pin is connected to a high impedance (input to external mute circuitry for example) or left
floating, zflag1/2/3 will be output on the Mute pin dependent on DZFM settings. This is described in
Table 12 below. The output impedance of the MUTE pin is 10k
Ω.
DZFM [1:0]
CONDITION UNDER WHICH
MUTE PIN DRIVEN HIGH
00
Zflag1/2/3 all high
01
Zflag1 high
10
Zflag2 high
11
Zflag3 high
Table 12 Effect of DZFM on Mute Pin Decode
When the Mute pin is used as an output, its logic level remains connected to the DZFM selector
inside the chip (see figure 1). So, when the WM8522 drives the Mute pin high, the output DACs will
also softmute as described by Table 13.
MPD
DZFM [1:0]
CHANNELS MUTED WHEN
MUTE PIN DRIVEN HIGH
0
00
All Channels
0
01
CH1
0
10
CH2
0
11
CH3
1
00
All Channels
1
01
All Channels
1
10
All Channels
1
11
All Channels
Table 13 Mute Pin Decode when Mute Pin as Output
INFINITE ZERO DETECT
When it is set, the IZD register causes an analogue mute of the DAC channel output amplifier both
when there are 1024 zeros on that channel’s DIN pin or when it is manually muted by DMUTE or
MUTEALL.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000010
DAC Channel Control
4
IZD
0
IZD Enable
0 : Disable infinite zero mute
1: Enable infinite zero mute
This operation is only available in software mode and can sometimes create a very small click at the
output of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com