Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8522 Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8522
Description  24-bit, 192kHz 6-Channel DAC with 1.7Vrms Line Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8522 Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8522 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
WM8522
Pre-Production
w
PP Rev 3.1 May 2006
24
DMUTE AND MUTEALL
Most simply, the WM8522 can be directly muted using the DMUTE register bit to control which
channels are muted. The mute happens as soon as the serial write is performed.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001001
DAC Mute
5:3
DMUTE
[2:0]
000
DAC Soft Mute Select
Table 10 DAC Mute Control
An overall MUTE to all channels can be applied by using the MUTEALL register.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000010
DAC Mute
0
MUTEALL
0
Soft Mute Select:
0 : Normal operation
1: Soft mute all channels
MUTE PIN AS INPUT
The WM8522 can be muted externally by driving the MUTE pin high. When the MUTE pin is driven
low the device will never automute, although direct mutes can still be applied via the DMUTE or
MUTEALL registers.
The DZFM bits are used to decode the operation of a MUTE pin (decides which channels will be
affected by the logic level present on the MUTE pin). MPD (Mute Pin Decode) is used to enable the
DZFM operation. If MPD is set, the selection made by the DZFM bits will be ignored and all channels
will be muted when the pin is driven high.
Table 11 below describes which channels will be softmuted when the MUTE pin is driven high
depending on the MPD and DZFM bits.
MPD
DZFM [1:0]
CHANNELS MUTED WHEN
MUTE PIN HIGH
0
00
All Channels
0
01
CH1
0
10
CH2
0
11
CH3
1
00
All Channels
1
01
All Channels
1
10
All Channels
1
11
All Channels
Table 11 Mute Pin Decode when Mute Pin as Input
DMUTE [2:0]
DAC CHANNEL 1
DAC CHANNEL 2
DAC CHANNEL 3
000
Not MUTE
Not MUTE
Not MUTE
001
MUTE
Not MUTE
Not MUTE
010
Not MUTE
MUTE
Not MUTE
011
MUTE
MUTE
Not MUTE
100
Not MUTE
Not MUTE
MUTE
101
MUTE
Not MUTE
MUTE
110
Not MUTE
MUTE
MUTE
111
MUTE
MUTE
MUTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com