Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8522 Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8522
Description  24-bit, 192kHz 6-Channel DAC with 1.7Vrms Line Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8522 Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8522 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
WM8522
Pre-Production
w
PP Rev 3.1 May 2006
28
MUTE PIN DECODE
The MUTE pin can either be used as an output or an input. When used as an input the MUTE pins
action can be controlled by setting the DZFM bit to select the corresponding DAC for applying the
MUTE to. As an output its meaning is selected by the DZFM control bits. By default selecting the
MUTE pin to represent if DAC1 has received more than 1024 midrail samples will cause the MUTE
pin to assert a softmute on DAC1. Disabling the decode block will cause any logical high on the
MUTE pin to apply a softmute to all DAC’s.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001100
MUTE Control
6
MPD
0
MUTE Pin Decode Disable:
0: MUTE pin decode enable
1: MUTE pin decode disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com