Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8522 Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM8522
Description  24-bit, 192kHz 6-Channel DAC with 1.7Vrms Line Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8522 Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM8522 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 31Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
Pre-Production
WM8522
w
PP Rev 3.1 May 2006
27
DACPD [2:0]
DAC CHANNEL 1
DAC CHANNEL 2
DAC CHANNEL 3
000
Active
Active
Active
001
DISABLE
Active
Active
010
Active
DISABLE
Active
011
DISABLE
DISABLE
Active
100
Active
Active
DISABLE
101
DISABLE
Active
DISABLE
110
Active
DISABLE
DISABLE
111
DISABLE
DISABLE
DISABLE
Table 15 DAC Disable Control
MASTER POWERDOWN
This control bit powers down the references for the whole chip. Therefore for complete powerdown,
all DACs should be powered down first before setting this bit.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001010
Interface Control
4
PWRDNALL
0
Master Power Down Bit:
0: Not powered down
1: Powered down
MASTER MODE SELECT
Control bit MS selects between audio interface Master and Slave Modes. In Master mode LRCLK
and BCLK are outputs and are generated by the WM8522. In Slave mode LRCLK and BCLK are
inputs to WM8522.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001010
Interface Control
5
MS
0
DAC Audio Interface Master/Slave
Mode Select:
0: Slave mode
1: Master mode
MASTER MODE LRCLK FREQUENCY SELECT
In Master mode the WM8522 generates LRCLK and BCLK. These clocks are derived from the
master clock and the ratio of MCLK to LRCLK is set by RATE.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001010
Interface Control
8:6
RATE [2:0]
010
Master Mode
MCLK:LRCLK Ratio Select:
000: 128fs
001: 192fs
010: 256fs
011: 384fs
100: 512fs
101: 768fs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com