Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8522 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8522
Description  24-bit, 192kHz 6-Channel DAC with 1.7Vrms Line Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8522 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8522 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
w
WM8522
24-bit, 192kHz 6-Channel DAC with 1.7Vrms Line Driver
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Pre Production, May 2006, 3.1
Copyright
2006 Wolfson Microelectronics plc
DESCRIPTION
The WM8522 is a multi-channel audio DAC ideal for DVD
and surround sound processing applications for home hi-fi,
automotive and other audio visual equipment.
Three stereo 24-bit multi-bit sigma delta DACs are used
with oversampling digital interpolation filters. Digital audio
input word lengths from 16-32 bits and sampling rates from
8kHz to 192kHz are supported.
Each DAC channel has independent digital volume and
mute control, and provides 1.7Vrms line drive capability
from a 5V supply. This makes the device ideal for cost-
sensitive consumer applications requiring high line drive
audio outputs
The audio data interface supports I
2S, left justified, right
justified and DSP digital audio formats
The device is controlled via a 3 wire serial interface or
directly using the hardware interface. These interfaces
provide access to features including channel selection,
volume
controls,
mutes,
de-emphasis
and
power
management facilities. The device is available in a 28-lead
SSOP.
FEATURES
•
6-Channel DAC with 1.7Vrms line driver from 5V analogue
supply
•
Audio performance
−
SNR 102dB (‘A’ weighted @ 48kHz)
−
THD -85dB (48kHz)
•
DAC sampling frequency: 8kHz – 192kHz
•
3-Wire SPI serial or hardware control interface
•
Programmable audio data interface modes
−
I
2S, left, right justified or DSP
−
16/20/24/32 bit word lengths
•
Three independent stereo DAC outputs with independent
digital volume controls
•
Master or slave audio data interface
•
4.5V to 5.5V analogue, 2.7V to 3.6V digital supply
operation
•
Pin compatible with WM8766
•
28-lead SSOP package
APPLICATIONS
•
DVD Players
•
Surround Sound AV Processors and Hi-Fi systems
•
Automotive Audio
BLOCK DIAGRAM


Similar Part No. - WM8522

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8521 WOLFSON-WM8521 Datasheet
304Kb / 20P
STEREO DAC WITH INTEGRATED OUTPUT STAGE FOR 2VRMS LINE OUT
WM8521 WOLFSON-WM8521 Datasheet
267Kb / 20P
Stereo DAC with Integrated Output Stage for 2Vrms LINE OUT
logo
Cirrus Logic
WM8521 CIRRUS-WM8521 Datasheet
316Kb / 21P
Stereo DAC with Integrated Output Stage for 2Vrms LINE OUT
logo
Wolfson Microelectronic...
WM8521H9ED WOLFSON-WM8521H9ED Datasheet
304Kb / 20P
STEREO DAC WITH INTEGRATED OUTPUT STAGE FOR 2VRMS LINE OUT
WM8521H9ED/RV WOLFSON-WM8521H9ED/RV Datasheet
304Kb / 20P
STEREO DAC WITH INTEGRATED OUTPUT STAGE FOR 2VRMS LINE OUT
More results

Similar Description - WM8522

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8768 WOLFSON-WM8768 Datasheet
393Kb / 38P
24-bit, 192kHz 8-Channel DAC
WM8766 WOLFSON-WM8766 Datasheet
332Kb / 32P
24 BIT 192KHZ 6 CHANNEL DAC
logo
List of Unclassifed Man...
CE2746 ETC-CE2746 Datasheet
342Kb / 13P
6-Channel Audio DAC, 24-bit, 192kHz
logo
Wolfson Microelectronic...
WM8501 WOLFSON-WM8501 Datasheet
267Kb / 20P
24-bit 192kHz Stereo DAC with 1.7Vrms Line Driver
WM8746 WOLFSON-WM8746_06 Datasheet
398Kb / 32P
24-bit, 192kHz 6-Channel DAC with Volume Control
WM8766 WOLFSON-WM8766_05 Datasheet
380Kb / 36P
24-bit, 192kHz 6-Channel DAC
logo
Asahi Kasei Microsystem...
AK4346 AKM-AK4346 Datasheet
370Kb / 31P
3.3V 192kHz 24-Bit 6-Channel DAC
logo
Wolfson Microelectronic...
WM8501 WOLFSON-WM8501_09 Datasheet
285Kb / 20P
24-bit 192kHz Stereo DAC with 1.7Vrms Line Driver
logo
Cirrus Logic
WM8501 CIRRUS-WM8501 Datasheet
313Kb / 21P
24-bit 192kHz Stereo DAC with 1.7Vrms Line Driver
WM8766 CIRRUS-WM8766 Datasheet
375Kb / 36P
24-bit, 192kHz 6-Channel DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com