Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8522 Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM8522
Description  24-bit, 192kHz 6-Channel DAC with 1.7Vrms Line Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8522 Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM8522 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8522 Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
Pre-Production
WM8522
w
PP Rev 3.1 May 2006
33
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
[8:6]
DEEMPH
[1:0]
000
De-emphasis Channel Selection Select. See Table 14 for details.
3:1
DACPD[2:0]
000
DAC Disable. See Table 15 for details
4
PWRDNALL
0
Master Power Down Bit:
0: Not powered down
1: Powered down
5
MS
0
DAC Audio Interface Master/Slave Mode Select:
0: Slave mode
1: Master mode
R10
(0Ah)
Interface Control
8:6
RATE [2:0]
010
Master Mode
MCLK:LRCLK Ratio Select:
000: 128fs
001: 192fs
010: 256fs
011: 384fs
100: 512fs
101: 768fs
R12
(0Ch)
MUTE Control
6
MPD
0
MUTE Pin Decode Disable:
0: MUTE pin decode enable
1: MUTE pin decode disable
R31
(1Fh)
8:0
RESET
000000000
Writing to register 11111 will cause a register reset, resetting all
register bits to their default values. The device will be held in this
reset state until a subsequent register write to any address is
completed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com