Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4215CUFD Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4215CUFD
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215CUFD Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4215CUFD Datasheet HTML 3Page - Linear Technology LTC4215CUFD Datasheet HTML 4Page - Linear Technology LTC4215CUFD Datasheet HTML 5Page - Linear Technology LTC4215CUFD Datasheet HTML 6Page - Linear Technology LTC4215CUFD Datasheet HTML 7Page - Linear Technology LTC4215CUFD Datasheet HTML 8Page - Linear Technology LTC4215CUFD Datasheet HTML 9Page - Linear Technology LTC4215CUFD Datasheet HTML 10Page - Linear Technology LTC4215CUFD Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC4215/LTC4215-2
7
4215fe
TEMPERATURE (°C)
–50
5.8
5.9
6.0
75
4215 G09
5.7
5.6
–25
25
0
50
100
5.5
5.4
6.1
VDD = 3.3V
VDD = 12V
VDD = 5V
IGATE (μA)
0
5
6
7
20
4215 G10
4
3
510
15
25
2
1
0
VDD = 3.3V
VDD = 12V
VDD = 5V
TEMPERATURE (°C)
–50
–10
–20
–30
–25
0
50
75
4315 G11
–15
–25
25
100
IGPIO1 (mA)
0
0.2
0.4
0.6
0.1
0.3
0.5
24
6
8
4215 G12
10
0
VDD = 3.3V, 5V, 12V
TYPICAL PERFORMANCE CHARACTERISTICS
ΔVGATE vs Temperature
ΔVGATE vs IGATE
IGATE Pull-Up vs Temperature
VOL(GPIO) vs IGPIO
TA = 25°C, VDD = 12V unless otherwise noted
CODE
0
64
128
192
0
0.001
0.002
0.003
0.004
0.006
4215 G13
256
0.005
CODE
0
128
192
4215 G14
256
64
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
TEMPERATURE (°C)
–50
–25
–1.0
–0.2
1.0
0
50
4215 G05
–0.6
0.6
0.2
–0.4
0.8
–0.8
0.4
0
25
75
100
CODE
0
–0.5
–0.4
–0.3
–0.1
–0.2
0
0.1
0.2
0.5
0.4
128
4215 G15
256
64
192
0.3
Total Unadjusted Error
vs Code (ADIN)
ADC INL vs Code (ADIN)
ADC DNL vs Code (ADIN)
ADC Full-Scale Error
vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com