Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4215CUFD Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4215CUFD
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215CUFD Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4215CUFD Datasheet HTML 17Page - Linear Technology LTC4215CUFD Datasheet HTML 18Page - Linear Technology LTC4215CUFD Datasheet HTML 19Page - Linear Technology LTC4215CUFD Datasheet HTML 20Page - Linear Technology LTC4215CUFD Datasheet HTML 21Page - Linear Technology LTC4215CUFD Datasheet HTML 22Page - Linear Technology LTC4215CUFD Datasheet HTML 23Page - Linear Technology LTC4215CUFD Datasheet HTML 24Page - Linear Technology LTC4215CUFD Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC4215/LTC4215-2
21
4215fe
APPLICATIONS INFORMATION
Alert Response Protocol
When any of the fault bits in FAULT register D are set, an
optional bus alert is generated if the appropriate bit in
the ALERT register B is also set. If an alert is enabled, the
corresponding fault causes the ALERT pin to pull low. After
the bus master controller broadcasts the Alert Response
Address, the LTC4215 responds with its address on the
SDA line and then release ALERT as shown in Figure 11.
The ALERT line is also released if the device is addressed
by the bus master. The ALERT signal is not pulled low
again until the FAULT register indicates a different fault
has occurred or the original fault is cleared and it occurs
again. Note that this means repeated or continuing faults
do not generate alerts until the associated FAULT register
bit has been cleared.
Table 1A. LTC4215 Device Addressing (UH24 Package)
DESCRIPTION
DEVICE
ADDRESS
DEVICE ADDRESS
LTC4215UH
ADDRESS PINS
h
76543210
ADR2
ADR1
ADR0
Mass Write
BE
10111110
X
X
X
Alert Response
19
00011001
X
X
X
0
80
1000000
X
L
NC
L
1
82
1000001
X
L
H
NC
2
84
1000010
X
L
NC
NC
3
86
1000011
X
L
NC
H
4
88
1000100
X
LLL
5
8A
1000101
X
L
H
H
6
8C
1000110
X
L
L
NC
7
8E
1000111
X
L
L
H
8
90
1001000
X
NC
NC
L
9
92
1001001
X
NC
H
NC
10
94
1001010
X
NC
NC
NC
11
96
1001011
X
NC
NC
H
12
98
1001100
X
NC
L
L
13
9A
1001101
X
NC
H
H
14
9C
1001110
X
NC
L
NC
15
9E
1001111
X
NC
L
H
16
A0
1010000
X
H
NC
L
17
A2
1010001
X
H
H
NC
18
A4
1010010
X
H
NC
NC
19
A6
1010011
X
H
NC
H
20
A8
1010100
X
H
LL
21
AA
1010101
X
H
H
H
22
AC
1010110
X
H
L
NC
23
AE
1010111
X
H
L
H
24
B0
1011000
X
L
H
L
25
B2
1011001
X
NC
H
L
26
B4
1011010
X
H
H
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com