Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4215CUFD Datasheet(PDF) 23 Page - Linear Technology

Part # LTC4215CUFD
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215CUFD Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC4215CUFD Datasheet HTML 19Page - Linear Technology LTC4215CUFD Datasheet HTML 20Page - Linear Technology LTC4215CUFD Datasheet HTML 21Page - Linear Technology LTC4215CUFD Datasheet HTML 22Page - Linear Technology LTC4215CUFD Datasheet HTML 23Page - Linear Technology LTC4215CUFD Datasheet HTML 24Page - Linear Technology LTC4215CUFD Datasheet HTML 25Page - Linear Technology LTC4215CUFD Datasheet HTML 26Page - Linear Technology LTC4215CUFD Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LTC4215/LTC4215-2
23
4215fe
APPLICATIONS INFORMATION
Table 4. STATUS Register C (02h)—Read
BIT
NAME
OPERATION
C7
FET On
1 = FET On, 0 = FET Off
C6
GPIO Input
State of the GPIO Pin; 1 = GPIO High, 0 = GPIO Low
C5
FET Short
Present
Indicates Potential FET Short if Current Sense Voltage Exceeds 1mV While FET is Off; 1 = FET is Shorted, 0 = FET is Not
Shorted
C4
EN
Indicates if the LTC4215 is enabled when EN is low; 1 = EN Pin Low, 0 = EN Pin High
C3
Power Bad
Indicates Power is Bad when FB is low; 1 = FB Low, 0 = FB High
C2
Overcurrent
Indicates Overcurrent Condition During Cool Down Cycle; 1 = Overcurrent, 0 = Not Overcurrent
C1
Undervoltage
Indicates Input Undervoltage when UV is Low; 1 = UV Low, 0 = UV High
C0
Overvoltage
Indicates VDD or OV Input Overvoltage when OV is High; 1 = OV High, 0 = OV Low
Table 5. FAULT Register D (03h)—Read/Write
BIT
NAME
OPERATION
D7:6
Reserved
D5
FET Short Fault
Occurred
Indicates Potential FET Short was Detected when Measured Current Sense Voltage Exceeded 1mV While FET was Off;
1 = FET is Shorted, 0 = FET is Good
D4
EN Changed
State
Indicates That the LTC4215 was Enabled or Disabled when EN Changed State; 1 = EN Changed State, 0 = EN Unchanged
D3
Power Bad
Fault Occurred
Indicates Power was Bad when FB when Low; 1 = FB was Low, 0 = FB was High
D2
Overcurrent
Fault Occurred
Indicates Overcurrent Fault Occurred; 1 = Overcurrent Fault Occurred, 0 = Not Overcurrent Faults
D1
Undervoltage
Fault Occurred
Indicates Input Undervoltage Fault Occurred when UV went Low; 1 = UV was Low, 0 = UV was High
D0
Overvoltage
Fault Occurred
Indicates Input Overvoltage Fault Occurred when OV went High; 1 = OV was High, 0 = OV was Low
Table 6. SENSE Register E (04h)—Read/Write
BIT
NAME
OPERATION
E7:0
SENSE Voltage Measurement
Sense Voltage Data. 8-Bit Data with 151μV LSB and 38.45mV Full Scale.
Table 7. SOURCE Register F (05h)—Read/Write
BIT
NAME
OPERATION
F7:0
SOURCE Voltage Measurement
Source Voltage Data. 8-Bit Data with 60.5mV LSB and 15.44V Full Scale.
Table 8. ADIN Register G (06h)—Read/Write*
BIT
NAME
OPERATION
G7:0
ADIN Voltage Measurement
ADIN Voltage Data. 8-Bit Data with 4.82mV LSB and 1.23V Full Scale.
*The ADIN pin is not available in the GN16 package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com