Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4215CUFD Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4215CUFD
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215CUFD Datasheet(HTML) 1 Page - Linear Technology

  LTC4215CUFD Datasheet HTML 1Page - Linear Technology LTC4215CUFD Datasheet HTML 2Page - Linear Technology LTC4215CUFD Datasheet HTML 3Page - Linear Technology LTC4215CUFD Datasheet HTML 4Page - Linear Technology LTC4215CUFD Datasheet HTML 5Page - Linear Technology LTC4215CUFD Datasheet HTML 6Page - Linear Technology LTC4215CUFD Datasheet HTML 7Page - Linear Technology LTC4215CUFD Datasheet HTML 8Page - Linear Technology LTC4215CUFD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC4215/LTC4215-2
1
4215fe
TYPICAL APPLICATION
DESCRIPTION
Hot Swap Controller with
I2C Compatible Monitoring
The LTC
®4215/LTC4215-2 Hot Swap™ controllers allow
a board to be safely inserted and removed from a live
backplane. Using an external N-channel pass transistor,
board supply voltage and inrush current are ramped up at
an adjustable rate. An I2C interface and onboard ADC allow
for monitoring of load current, voltage and fault status.
The device features adjustable foldback current limit and
a soft-start pin that sets the dI/dt of the inrush current.
An I2C interface may configure the part to latch off or
automatically restart after the LTC4215 detects a current
limit fault.
The controller has additional features to interrupt the host
when a fault has occurred, notify when output power is
good, detect insertion of a load card, and power-up either
automatically upon insertion or wait for an I2C command
to turn on.
The LTC4215 has a 20μs circuit breaker filter for applica-
tions that require a fast fault response time and it defaults
to latchoff after an overcurrent fault. The LTC4215-2 has
an extended 420μs circuit breaker filter for applications
where supply transients may exceed 20μs and it defaults
to restart automatically after an overcurrent fault.
FEATURES
APPLICATIONS
n Live Board Insertion
n Electronic Circuit Breakers
n Computers, Servers
n Platform Management
n Allows Safe Insertion into Live Backplane
n 8-Bit ADC Monitors Current and Voltage
n I2C/SMBus Interface
n Wide Operating Voltage Range: 2.9V to 15V
n 20μs (LTC4215) or 420μs (LTC4215-2) Circuit
Breaker Timeout
n dI/dt Controlled Soft-Start
n High Side Drive for External N-Channel MOSFET
n No External Gate Capacitor Required
n Input Overvoltage/Undervoltage Protection
n Optional Latchoff or Auto-Retry After Faults
n Alerts Host After Faults
n Inrush Current Limit with Foldback
n Available in 24-Pin (4mm
× 5mm) QFN Package
n LTC4215 also available in 16-Lead Narrow SSOP
Package
+
UV VDD SENSE
+
SENSE–
LTC4215UFD
GATE
TIMER SS
ON
GND
SOURCE
OV
SDAO
SDAI
SCL
ALERT
INTVCC
FB
EN
ADIN
GPIO
3.4k
PLUG-IN
CARD
1.18k
P6KE16A
10Ω
0.005Ω
FDC653N
30.1k
VOUT
12V
3.57k
24k
4215 TA01a
CL
INTVCC
INTVCC
0.1μF
0.1μF
34.8k
BACKPLANE
68nF
GND
ALERT
SCL
SDA
12V
VOUT
10V/DIV
VGPIO
(POWERGOOD)
10V/DIV
INRUSH
CURRENT
2.5A/DIV
VDD
10V/DIV
50ms/DIV
42151 TA01b
CL = 12000μF
CONTACT
BOUNCE
12V Application with 5A Circuit Breaker
Start-Up Waveform
L, LT, LTC, LTM, Linear Technology, the Linear logo and Hot Swap are registered trademarks of
Linear Technology Corporation. All other trademarks are the property of their respective owners.
Protected by U.S. Patent including 7330065.


Similar Part No. - LTC4215CUFD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4215CUFD LINER-LTC4215CUFD Datasheet
350Kb / 24P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215CUFD-1 LINER-LTC4215CUFD-1 Datasheet
311Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215CUFD-1 LINER-LTC4215CUFD-1 Datasheet
317Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215CUFD-1-PBF LINER-LTC4215CUFD-1-PBF Datasheet
311Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215CUFD-1-TR LINER-LTC4215CUFD-1-TR Datasheet
311Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
More results

Similar Description - LTC4215CUFD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4215 LINER-LTC4215 Datasheet
350Kb / 24P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215-1 LINER-LTC4215-1 Datasheet
311Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4222 LINER-LTC4222 Datasheet
276Kb / 32P
Dual Hot Swap Controller with I2C Compatible Monitoring
LTC4280 LINER-LTC4280 Datasheet
292Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215 LINER-LTC4215_15 Datasheet
271Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215-1 LINER-LTC4215-1_15 Datasheet
317Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215-2 LINER-LTC4215-2_15 Datasheet
271Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215-3 LINER-LTC4215-3_15 Datasheet
317Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4280 LINER-LTC4280_15 Datasheet
296Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215CUFD-3 LINER-LTC4215CUFD-3 Datasheet
317Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com