Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4215CUFD Datasheet(PDF) 24 Page - Linear Technology

Part # LTC4215CUFD
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215CUFD Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC4215CUFD Datasheet HTML 20Page - Linear Technology LTC4215CUFD Datasheet HTML 21Page - Linear Technology LTC4215CUFD Datasheet HTML 22Page - Linear Technology LTC4215CUFD Datasheet HTML 23Page - Linear Technology LTC4215CUFD Datasheet HTML 24Page - Linear Technology LTC4215CUFD Datasheet HTML 25Page - Linear Technology LTC4215CUFD Datasheet HTML 26Page - Linear Technology LTC4215CUFD Datasheet HTML 27Page - Linear Technology LTC4215CUFD Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LTC4215/LTC4215-2
24
4215fe
TYPICAL APPLICATIONS
+
UV VDD
SENSE–
LTC4215GN
GATE
INTVCC
TIMER
GND
ADR0
SOURCE
SDA
SCL
ALERT
ON
FB
GPIO
SS
PLUG-IN
CARD
R5
10Ω
R6
15k
C1
22nF
CSS
68nF
RS
0.0015Ω
Q1
Si7880DP
R7
30.1k
1%
R8
3.57k
1%
R4
100k
4215 F12
CL
1000μF
CF
0.1μF
15V
R1
34.8k
1%
R2
4.42k
1%
BACKPLANE
GND
ALERT
SCL
SDA
VIN
12V
CTIMER
1μF
C3
0.1μF
Z1
P6KE16A
12V Card Resident Application with a 16.6A Circuit Breaker



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com