Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4215CUFD Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4215CUFD
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215CUFD Datasheet(HTML) 5 Page - Linear Technology

  LTC4215CUFD Datasheet HTML 1Page - Linear Technology LTC4215CUFD Datasheet HTML 2Page - Linear Technology LTC4215CUFD Datasheet HTML 3Page - Linear Technology LTC4215CUFD Datasheet HTML 4Page - Linear Technology LTC4215CUFD Datasheet HTML 5Page - Linear Technology LTC4215CUFD Datasheet HTML 6Page - Linear Technology LTC4215CUFD Datasheet HTML 7Page - Linear Technology LTC4215CUFD Datasheet HTML 8Page - Linear Technology LTC4215CUFD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTC4215/LTC4215-2
5
4215fe
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 12V unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive; all voltages are referenced to
GND unless otherwise specified.
Note 3: An internal clamp limits the GATE pin to a minimum of 5V above
SOURCE. Driving this pin to voltages beyond the clamp may damage the device.
Note 4: Offset error is the offset voltage measured from 1LSB when the
output code flickers between 0000 0000 and 0000 0001.
Note 5: Integral nonlinearity is defined as the deviation of a code from a
precise analog input voltage. Maximum specifications are limited by the
LSB step size and the single shot measurement. Typical specifications are
measured from the 1/4, 1/2 and 3/4 areas of the quantization band.
Note 6: Guaranteed by design and not subject to test.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TUE
Total Unadjusted Error
VDD – SENSE
SOURCE
ADIN
l
l
l
±5.5
±5.0
±5.0
LSB
LSB
LSB
FSE
Full-Scale Error
VDD – SENSE
SOURCE
ADIN
l
l
l
±5.5
±5.0
±5.0
LSB
LSB
LSB
VFS
Full-Scale Voltage (255 • VLSB)VDD – SENSE
SOURCE
ADIN
l
l
l
37.625
15.14
1.205
38.45
15.44
1.23
39.275
15.74
1.255
mV
V
V
RADIN
ADIN Pin Sampling Resistance
VADIN = 1.28V
l
12
M
Ω
IADIN
ADIN Pin Input Current
VADIN = 1.28V
l
0
±0.1
μA
Conversion Rate
10
Hz
I2C Interface
VADR(H)
ADR0, ADR1, ADR2 Input High Voltage
l
INTVCC
–0.8
INTVCC
–0.4
INTVCC
–0.2
V
IADR(IN,Z)
ADR0, ADR1, ADR2 Hi-Z Input Current
ADR0, ADR1, ADR2 = 0.8V
ADR0, ADR1, ADR2 = INTVCC – 0.8V
l
l
3
–3
μA
μA
VADR(L)
ADR0, ADR1, ADR2 Input Low Voltage
l
0.2
0.4
0.8
V
IADR(IN)
ADR0, ADR1, ADR2 Input Current
ADR0, ADR1, ADR2 = 0V, INTVCC
l
–80
80
μA
IALERT
ALERT Input Current
ALERT = 6.5V
l
±1
μA
VALERT(OL)
ALERT Output Low Voltage
IALERT = 3mA
l
0.2
0.4
V
VSDA,SCL(TH)
SDA, SCL Input Threshold
l
1.3
1.7
1.9
V
ISDA,SCL(OH)
SDA, SCL Input Current
SCL, SDA = 6.5V
l
±1
μA
VSDA(OL)
SDA Output Low Voltage
ISDA = 3mA
l
0.2
0.4
V
I2C Interface Timing
fSCL(MAX)
SCL Clock Frequency
Operates with fSCL ≤ fSCL(MAX)
l
400
1000
kHz
tBUF(MIN)
Bus Free Time Between Stop/Start Condition
l
0.12
1.3
μs
tHD,STA(MIN)
Hold Time After (Repeated) Start Condition
l
30
600
ns
tSU,STA(MIN)
Repeated Start Condition Set-Up Time
l
30
600
ns
tSU,STO(MIN)
Stop Condition Set-Up Time
l
140
600
ns
tHD,DAT(MIN)
Data Hold Time (Input)
l
30
100
ns
tHD,DATO
Data Hold Time (Output)
l
300
500
900
ns
tSU,DAT(MIN)
Data Set-Up Time
l
30
600
ns
tSP
Suppressed Spike Pulse Width
l
50
110
250
ns
CX
SCL, SDA Input Capacitance
SDAI Tied to SDAO (Note 6)
l
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com