Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4215CUFD Datasheet(PDF) 17 Page - Linear Technology

Part # LTC4215CUFD
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215CUFD Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC4215CUFD Datasheet HTML 13Page - Linear Technology LTC4215CUFD Datasheet HTML 14Page - Linear Technology LTC4215CUFD Datasheet HTML 15Page - Linear Technology LTC4215CUFD Datasheet HTML 16Page - Linear Technology LTC4215CUFD Datasheet HTML 17Page - Linear Technology LTC4215CUFD Datasheet HTML 18Page - Linear Technology LTC4215CUFD Datasheet HTML 19Page - Linear Technology LTC4215CUFD Datasheet HTML 20Page - Linear Technology LTC4215CUFD Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LTC4215/LTC4215-2
17
4215fe
APPLICATIONS INFORMATION
pin low. The undervoltage lockout circuit has a 2μs filter
time after VDD drops below 2.74V. The UV pin reacts in
2μs to shut the GATE off, but it is recommended to add a
filter capacitor CF to prevent unwanted shutdown caused
by a transient. Eventually either the UV pin or undervoltage
lockout responds to bring the current under control before
the supply completely collapses.
Supply Transient Protection
The LTC4215 is safe from damage with supply voltages up
to 24V. However, spikes above 24V may damage the part.
During a short-circuit condition, large changes in current
flowing through power supply traces may cause inductive
voltage spikes which exceed 24V. To minimize such spikes,
the power trace inductance should be minimized by using
wider traces or heavier trace plating. Also, a snubber circuit
dampens inductive voltage spikes. Build a snubber by using
a 100
Ω resistor in series with a 0.1μF capacitor between
VDD and GND. A surge suppressor, Z1 in Figure 1, at the
input can also prevent damage from voltage surges.
Design Example
As a design example, take the following specifications:
VIN = 12V, IMAX = 5A, IINRUSH = 1A, dI/dtINRUSH = 10A/ms,
CL = 330μF, VUV(ON) = 10.75V, VOV(OFF) = 14.0V, VPWRGD(UP)
= 11.6V, and I2C ADDRESS = 1010011. This completed
design is shown in Figure 1.
Selection of the sense resistor, RS, is set by the overcurrent
threshold of 25mV:
R
mV
I
S
MAX
==
25
0 005
.
Ω
The MOSFET is sized to handle the power dissipation dur-
ing inrush when output capacitor COUT is being charged.
A method to determine power dissipation during inrush
is based on the principle that:
Energy in CL = Energy in Q1
This uses:
Energy in CL ==
()( )
1
2
1
2
033
12
2
2
CV
mF
.
or 0.024 joules. Calculate the time it takes to charge up
COUT:
tC
V
I
mF
V
A
ms
STARTUP
L
DD
INRUSH
==
=
•.
•
033
12
1
4
The power dissipated in the MOSFET:
P
t
W
DISS
STARTUP
==
Energy in CL
6
TheSOA(safeoperatingarea)curvesofcandidateMOSFETs
must be evaluated to ensure that the heat capacity of the
package tolerates 6W for 4ms. The SOA curves of the
Fairchild FDC653N provide for 2A at 12V (24W) for 10ms,
satisfying this requirement. Since the FDC653N has less
than 8μF of gate capacitance and we are using a GATE
RC network, the short circuit stability of the current limit
should be checked and improved by adding a capacitor
from GATE to SOURCE if needed.
The inrush current is set to 1A using C1:
CC
I
I
CmF
μA
A
or C
L
GATE
INRUSH
1
10 33
20
1
16
=
==
•
.•
 
 
.8
8nF
The inrush dI/dt is set to 10A/ms using CSS:
C
I
dI dt
A
s
R
μA
SS
SS
SENSE
=
⎛
⎝⎜
⎞
⎠⎟
=
/
•.
•
0 0375
1
10
1000
00
0 0375
1
5
75
•.
•
.
m
nF
Ω
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com