Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1320 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # F1320
Description  Wide flat performance IF BW
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1320 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button F1320 Datasheet HTML 2Page - Renesas Technology Corp F1320 Datasheet HTML 3Page - Renesas Technology Corp F1320 Datasheet HTML 4Page - Renesas Technology Corp F1320 Datasheet HTML 5Page - Renesas Technology Corp F1320 Datasheet HTML 6Page - Renesas Technology Corp F1320 Datasheet HTML 7Page - Renesas Technology Corp F1320 Datasheet HTML 8Page - Renesas Technology Corp F1320 Datasheet HTML 9Page - Renesas Technology Corp F1320 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
DPD Demodulator for PA Linearization
1300MHz to 2900MHz
IDT Zero-Distortion
TM, Glitch-FreeTM DPD Receiver
6
Rev4, January 2014
PRELIMINARY DATASHEET
IDTF1370NBGI
Datasheet
POWER-ON SEQUENCE
The power-on sequence ensures F1370 works in default mode once powered on. If the F1370 is programmed after
applying DC power, the following power-on sequence is not needed. Note: To use power on sequence, SW_LATCH
cannot be grounded permanently.
The power-on sequence should be:
1.
CSb & SW_LATCH must be set low at power-on
2.
Once powered on, first set SW_LATCH high, then set CSb high
3.
Proceed with normal programming.
The default state after using power-on sequence:
Maximum attenuation
RF_INX selected
Normal operation (not Standby Mode)
SERIAL PROGRAMMING
The device is programmed via the serial port by asserting Chip Select (CSb). Note: Most-Significant-Bit first,
where the Address Word is the Most-Significant-Byte.
Serial mode timing diagram high level:
Address Word A7
– A0
Data Word D7
– D0
D5
D4
D0
D3
D1
D2
16 dB
RFSW
CLK
DATA
Data Word
Latched into
Register
LSB
CS
RSV
RSV
RSV
RSV
RSV
RSV
RSV
0
0
ENb
0
0
0
0
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
8 dB
4 dB
2 dB
1 dB
0.5 dB
MSB
1 = RFY
0 = RFX
1 = OFF
0 = ON
Polarity:
1 = ATTN ON
0 = ATTN OFF
SW_Latch
Clock in MSB first
Increasing time
RSV
0
D6
D7
A5
A4
A0
A3
A1
A2
A6
A7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com