Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1320 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # F1320
Description  Wide flat performance IF BW
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1320 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button F1320 Datasheet HTML 5Page - Renesas Technology Corp F1320 Datasheet HTML 6Page - Renesas Technology Corp F1320 Datasheet HTML 7Page - Renesas Technology Corp F1320 Datasheet HTML 8Page - Renesas Technology Corp F1320 Datasheet HTML 9Page - Renesas Technology Corp F1320 Datasheet HTML 10Page - Renesas Technology Corp F1320 Datasheet HTML 11Page - Renesas Technology Corp F1320 Datasheet HTML 12Page - Renesas Technology Corp F1320 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
DPD Demodulator for PA Linearization
1300MHz to 2900MHz
IDT Zero-Distortion
TM, Glitch-FreeTM DPD Receiver
9
Rev4, January 2014
PRELIMINARY DATASHEET
IDTF1370NBGI
Datasheet
F1370 ATTENUATION TABLE
The F1370 gain/attenuation setting is controlled by 6 bits in the data word. The device provides an added attenuation
range from 0 dB to 25.5 dB in 0.5 dB steps. A “high” or “1” bit corresponds to attenuation stepped IN, while a “low” or
“0” bit corresponds to attenuation stepped OUT.
Because the first and last bits of the Data Word are not presently used by the F1370, two additional hex character
pairs exists for each of those in this table. For example, data words of either H00, H80, or H01 (binary
“00000000,” “10000000,” or 00000001) will place the F1370 in its minimum attenuation state. Likewise, data
words of either H66, HE6, or H67 (binary “01100110” or “11100110” or “01100111”) will place the F1370 in its
maximum attenuation state of 25.5 added attenuation.
F1370 DPD Demodulator - Attenuation Table (Data Word D7-D0)
BINARY
HEX
Added Atten (dB)
BINARY
HEX
Added Atten (dB)
00000000
00
0
00110100
34
13
00000010
02
0.5
00110110
36
13.5
00000100
04
1
00111000
38
14
00000110
06
1.5
00111010
3A
14.5
00001000
08
2
00111100
3C
15
00001010
0A
2.5
00111110
3E
15.5
00001100
0C
3
01000000
40
16
00001110
0E
3.5
01000010
42
16.5
00010000
10
4
01000100
44
17
00010010
12
4.5
01000110
46
17.5
00010100
14
5
01001000
48
18
00010110
16
5.5
01001010
4A
18.5
00011000
18
6
01001100
4C
19
00011010
1A
6.5
01001110
4E
19.5
00011100
1C
7
01010000
50
20
00011110
1E
7.5
01010010
52
20.5
00100000
20
8
01010100
54
21
00100010
22
8.5
01010110
56
21.5
00100100
24
9
01011000
58
22
00100110
26
9.5
01011010
5A
22.5
00101000
28
10
01011100
5C
23
00101010
2A
10.5
01011110
5E
23.5
00101100
2C
11
01100000
60
24
00101110
2E
11.5
01100010
62
24.5
00110000
30
12
01100100
64
25
00110010
32
12.5
01100110
66
25.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com