Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1320 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # F1320
Description  Wide flat performance IF BW
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1320 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button F1320 Datasheet HTML 3Page - Renesas Technology Corp F1320 Datasheet HTML 4Page - Renesas Technology Corp F1320 Datasheet HTML 5Page - Renesas Technology Corp F1320 Datasheet HTML 6Page - Renesas Technology Corp F1320 Datasheet HTML 7Page - Renesas Technology Corp F1320 Datasheet HTML 8Page - Renesas Technology Corp F1320 Datasheet HTML 9Page - Renesas Technology Corp F1320 Datasheet HTML 10Page - Renesas Technology Corp F1320 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
DPD Demodulator for PA Linearization
1300MHz to 2900MHz
IDT Zero-Distortion
TM, Glitch-FreeTM DPD Receiver
7
Rev4, January 2014
PRELIMINARY DATASHEET
IDTF1370NBGI
Datasheet
TO PROGRAM THE SERIAL INTERFACE:
If CSb is de-asserted (set to high), the serial interface will ignore the CLK line. Once CSb is asserted (set to low), the
serial interface will recognize the CLK and any data present on DATA will be clocked into the registers with each
rising CLK edge. After the 16
th CLK cycle, and before the 17th CLK cycle, CSb must be de-asserted to successfully
program the part with the desired bytes. If CSb is de-asserted before the 16
th CLK cycle, or after the 17th CLK cycle,
there is no guarantee that the correct bytes will be programmed and the user will have to re-program the interface in
accordance with the aforementioned procedure.
SW_LATCH PROGRAMMING SEQUENCE
When SW_LATCH is pinned high during the programming sequence, “RFSW” and “ENb” registers cannot be
programmed and therefore will not toggle.
If SW_LATCH is pinned low during the programming sequence, the “RFSW” and “ENb” register will
toggle.
This can be prevented with the “Programming Sequence” below.
SEQUENCE FOR PROGRAMMING REGISTERS A<2>:A<0>
1) SW_Latch = 1; CSb = 0
2) CLK in 8- or 16-bit word, do not de-assert (pull high) CSb
3) Set SW_LATCH = 0 while CSb = 0 remains)
4) With SW_Latch = 0, set CSb = 1
5) Set SW_Latch = 1
6) Program complete
SPECIAL NOTE REGARDING PHASE OF I & Q:
When LO is high-side injected, IF_I leads IF_Q by 90 degrees
When LO is low-side injected, IF_Q leads IF_I by 90 degrees
SDATA
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
SCLK
0
0
0
0
0
1
0
1
RFSW
ENb
CSb (solid)
SW_LATCH (dashed)
RFSW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com