Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1320 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F1320
Description  Wide flat performance IF BW
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1320 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F1320 Datasheet HTML 1Page - Renesas Technology Corp F1320 Datasheet HTML 2Page - Renesas Technology Corp F1320 Datasheet HTML 3Page - Renesas Technology Corp F1320 Datasheet HTML 4Page - Renesas Technology Corp F1320 Datasheet HTML 5Page - Renesas Technology Corp F1320 Datasheet HTML 6Page - Renesas Technology Corp F1320 Datasheet HTML 7Page - Renesas Technology Corp F1320 Datasheet HTML 8Page - Renesas Technology Corp F1320 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
DPD Demodulator for PA Linearization
1300MHz to 2900MHz
IDT Zero-Distortion
TM, Glitch-FreeTM DPD Receiver
1
Rev4, January 2014
IDTF1370NBGI
Datasheet
GENERAL DESCRIPTION
This document describes the specification for the
IDTF1370 Digital Pre-Distortion Demodulator for PA
linearization. This series of devices is offered in 2
variants to cover common UTRA bands. See part
number matrix below for additional detail.
COMPETITIVE ADVANTAGE
In typical basestation transmitters digital pre-distortion is
employed to improve the Transmitter performance. The
signal coming out of the PA is sampled and the incoming
Tx chain I&Q data is pre-distorted to counteract the
distortion inherent in the PA. The PA signal is adjusted
via a digital step attenuator to a lower level and then
sub-sampled at an IF frequency of ~200 MHz which
necessitates the need for a highly linear demodulator to
downmix to quadrature IF from the Transmit frequency.
By sampling IF_I and IF_Q independently and then
digitally combining these signals, an effective doubling of
the sample rate can be achieved. Any distortion in this
path will degrade the performance of the DPD algorithm.
By utilizing an ultra-linear demodulator w/integrated DSA
such as the IDTF1370, the ACLR and/or power
consumption of the full Tx system can be improved
significantly.
D
DPPD
D ffuullll ppaatthh A
AC
CLLR
R::
1
1 d
dB
B
IIcccc:: D
DPPD
D ffuunnccttiioonn PPoow
weerr
C
Coonnssuum
mppttiioonn
4
40
0%
%
Z
Ze
erro
o--D
Diisstto
orrttiio
on
nTTM
M D
De
em
mo
od
d
e
elliim
miin
na
atte
ess 2
2 IIFF a
am
mp
pss
IIn
ntte
eg
grra
atte
ess 2
2 B
BP
PFFss,, 2
2 B
Ba
allu
un
nss,,
S
SP
PD
DT
T R
RFF ssw
wiittcch
h
G
Glliittcchh--FFrreeeeTTMM ggaaiinn ccoonnttrrooll
PART# MATRIX
Part#
RF range
UTRA
bands
IF freq
range
Typ.
Gain
Injection
F
F1
13
32
20
0
5
55
50
0 -- 1
11
15
50
0
5
5,,6
6,,8
8,,1
12
2,,1
13
3,,
1
14
4,,1
17
7
2
20
0 -- 3
35
50
0
1
12
2..5
5
H
Hiig
gh
h S
Siid
de
e
o
orr L
Lo
ow
w S
Siid
de
e
F
F1
13
37
70
0
1
13
30
00
0 -- 2
29
90
00
0
1
1,,2
2,,3
3,,4
4,,9
9,,1
10
0
7
7,,2
21
1,, 2
24
4,, 3
38
8
2
20
0 -- 5
50
00
0
1
12
2..5
5
H
Hiig
gh
h S
Siid
de
e
o
orr L
Lo
ow
w S
Siid
de
e
FEATURES (I OR Q PATH)
Wide flat performance IF BW
Wide RF and LO BWs (~ 1.6 GHz)
Ideal for Multi-Carrier Systems
D
Drriivve
ess A
AD
DC
C d
diirre
eccttllyy
Ultra linear +
+4
41
1 d
dB
Bm
m IIP
P3
3OO
Low Noise Figure
Excellent ACLR performance
200 Ω output impedance
Fully integrated DPD demodulator
6
6x
x6
6 3
36
6 p
piin
n p
pa
acck
ka
ag
ge
e
Standby Mode w/Fast Recovery
ICC: 2
27
75
5 m
mA
A
DEVICE BLOCK DIAGRAM
ORDERING INFORMATION
IFI
IBIAS
Bias
Control
STBY
IFQ
90
O
DEC
CLK
SPI
CSb SDI
RFIN_X
RFIN_Y
.
SPLIT
LOIN
ISET
2
RF VCO
IDTF1370NBGI8
0.8 mm height
package
Green
Industrial
Temp range
Omit IDT
prefix
RF product Line
Tape &
Reel
Glitch-FreeTM
Glitch-FreeTM


Similar Part No. - F1320

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1320 RENESAS-F1320 Datasheet
1Mb / 29P
Wide flat performance IF BW
Rev4 January 2014
More results

Similar Description - F1320

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0487A TAI-SAW-TB0487A Datasheet
338Kb / 5P
IF SAW Filter 45.75MHz(BW=3.6MHz)
TB0186A TAI-SAW-TB0186A Datasheet
440Kb / 4P
70MHz SAW IF Filter (BW=20MHz)
TB0200A TAI-SAW-TB0200A Datasheet
404Kb / 4P
350MHz IF SAW Filter (BW=2.6MHz)
logo
Integrated Technology F...
251658B ITF-251658B Datasheet
189Kb / 3P
15MHz BW IF Dual Bandpass Filter
logo
Analog Devices
AD6674 AD-AD6674 Datasheet
2Mb / 91P
385 MHz BW IF Diversity Receiver
REV. B
AD6679 AD-AD6679 Datasheet
1Mb / 81P
135 MHz BW IF Diversity Receiver
REV. B
logo
New Japan Radio
NSNJ2000 NJRC-NSNJ2000 Datasheet
263Kb / 4P
PHS-IF f0=265.55MHz BW=0.2MHz
logo
Analog Devices
AD6674 AD-AD6674_17 Datasheet
4Mb / 97P
385 MHz BW IF Diversity Receiver
23-Feb-2017
AD6679 AD-AD6679_17 Datasheet
1Mb / 82P
135 MHz BW IF Diversity Receiver
23-Feb-2017
logo
Renesas Technology Corp
F1320 RENESAS-F1320 Datasheet
1Mb / 29P
Wide flat performance IF BW
Rev4 January 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com