Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1320 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # F1320
Description  Wide flat performance IF BW
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1320 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button F1320 Datasheet HTML 14Page - Renesas Technology Corp F1320 Datasheet HTML 15Page - Renesas Technology Corp F1320 Datasheet HTML 16Page - Renesas Technology Corp F1320 Datasheet HTML 17Page - Renesas Technology Corp F1320 Datasheet HTML 18Page - Renesas Technology Corp F1320 Datasheet HTML 19Page - Renesas Technology Corp F1320 Datasheet HTML 20Page - Renesas Technology Corp F1320 Datasheet HTML 21Page - Renesas Technology Corp F1320 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
DPD Demodulator for PA Linearization
1300MHz to 2900MHz
IDT Zero-Distortion
TM, Glitch-FreeTM DPD Receiver
18
Rev4, January 2014
PRELIMINARY DATASHEET
IDTF1370NBGI
Datasheet
TOCS F1370 [ISOLATION, RETURN LOSS, HISTOGRAMS] (-8-)
RF PORT RETURN LOSS
IF PORT RETURN LOSS
I/Q ERROR HISTOGRAM [N = 820]
LO PORT RETURN LOSS
RF SP2T ISOLATION
BAND EDGE GAIN DELTA [N = 820]
-40
-35
-30
-25
-20
-15
-10
-5
0
1400
1600
1800
2000
2200
2400
2600
2800
RF Frequency (MHz)
RFX / 0dB ATTN
RFY / 0dB ATTN
RFX / 10dB ATTN
RFY / 10dB ATTN
RFX / 20dB ATTN
RFY / 20dB ATTN
-30
-25
-20
-15
-10
-5
0
10
100
1000
IF Frequency (MHz)
IF_I
IF_Q
0%
10%
20%
30%
40%
50%
I/Q Amplitude Balance Bin (dB)
1300 MHz
2900 MHz
-40
-35
-30
-25
-20
-15
-10
-5
0
1600
1800
2000
2200
2400
2600
2800
3000
LO Frequency (MHz)
LO Port
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
1400
1600
1800
2000
2200
2400
2600
2800
X Selected / 0dB ATTN
Y Selected / 0dB ATTN
X Selected / 15dB ATTN
YSelected / 15dB ATTN
RF Frequency (MHz)
0%
5%
10%
15%
20%
25%
30%
35%
Max Gain Delta Bin (dB)
IF_I
IF_Q
Gain Delta Between:
RF = 1300 MHz, LO = 1800 MHz, IF = 500 MHz
RF = 2900 MHz, LO = 2920 MHz , IF = 20 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com