Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1320 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # F1320
Description  Wide flat performance IF BW
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1320 Datasheet(HTML) 2 Page - Renesas Technology Corp

  F1320 Datasheet HTML 1Page - Renesas Technology Corp F1320 Datasheet HTML 2Page - Renesas Technology Corp F1320 Datasheet HTML 3Page - Renesas Technology Corp F1320 Datasheet HTML 4Page - Renesas Technology Corp F1320 Datasheet HTML 5Page - Renesas Technology Corp F1320 Datasheet HTML 6Page - Renesas Technology Corp F1320 Datasheet HTML 7Page - Renesas Technology Corp F1320 Datasheet HTML 8Page - Renesas Technology Corp F1320 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
DPD Demodulator for PA Linearization
1300MHz to 2900MHz
IDT Zero-Distortion
TM, Glitch-FreeTM DPD Receiver
2
Rev4, January 2014
PRELIMINARY DATASHEET
IDTF1370NBGI
Datasheet
ABSOLUTE MAXIMUM RATINGS
VCC to GND
-0.3V to +5.5V
SW_Latch, DATA, CSb, CLK
0V to 3.6V
STBY
0V to VCC
IF_I+, IF_I-, IF_Q+, IF_Q-
1V to (Vcc + 0.3V)
LO_IN
-0.3V to +0.3V
RF_INX, RF_INY
-0.3V to +0.3V
IF_BiasI, IF_BiasQ to GND
-0.3V to +1.2V
LO_ADJ to GND
2.1V to 4.0V
RF Input Power (Into RFIN_X or RFIN_Y)
+27 dBm
Continuous Power Dissipation
2.5W
θJA (Junction – Ambient)
+40°C/W
θJC (Junction – Case) The Case is defined as the exposed paddle
+3°C/W
Operating Temperature Range (Case Temperature)
TC = -40°C to +105°C
Maximum Junction Temperature
150°C
Storage Temperature Range
-65°C to +150°C
Moisture Sensitivity Level
1
1
Lead Temperature (soldering, 10s)
+260°C
Stresses above those listed above may cause permanent damage to the device. Functional operation of the
device at these or any other conditions above those indicated in the operational section of this specification is
not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ESD Caution
This product features proprietary protection circuitry. However, it may be damaged if
subjected to high energy ESD. Please use proper ESD precautions when handling to
avoid damage or loss of performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com