Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1320 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # F1320
Description  Wide flat performance IF BW
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1320 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button F1320 Datasheet HTML 13Page - Renesas Technology Corp F1320 Datasheet HTML 14Page - Renesas Technology Corp F1320 Datasheet HTML 15Page - Renesas Technology Corp F1320 Datasheet HTML 16Page - Renesas Technology Corp F1320 Datasheet HTML 17Page - Renesas Technology Corp F1320 Datasheet HTML 18Page - Renesas Technology Corp F1320 Datasheet HTML 19Page - Renesas Technology Corp F1320 Datasheet HTML 20Page - Renesas Technology Corp F1320 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
DPD Demodulator for PA Linearization
1300MHz to 2900MHz
IDT Zero-Distortion
TM, Glitch-FreeTM DPD Receiver
17
Rev4, January 2014
PRELIMINARY DATASHEET
IDTF1370NBGI
Datasheet
TOCS F1370 [ATTN ACCURACY, NOISE FIGURE] (-7-)
ATTENUATION ACCURACY [1.7 GHZ]
ATTENUATION ACCURACY [2.7 GHZ]
NOISE FIGURE [25C, VS. CONFIGURATION]
ATTENUATION ACCURACY [2.1 GHZ]
NOISE FIGURE [VS. TCASE, MEASURED RFX TO IFI]
OIP3 HISTOGRAM [N=820]
-1.25
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
1.25
0
2
4
6
8
10
12
14
16
18
20
22
24
-40degC - RFX
-40degC - RFY
25degC - RFX
25degC - RFY
100degC - RFX
100degC - RFY
ATTN Setting (dB)
-1.25
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
1.25
0
2
4
6
8
10
12
14
16
18
20
22
24
-40degC - RFX
-40degC - RFY
25degC - RFX
25degC - RFY
100degC - RFX
100degC - RFY
ATTN Setting (dB)
10
12
14
16
18
20
22
24
1500
1700
1900
2100
2300
2500
2700
2900
X - I
X - Q
Y - I
Y - Q
RF Frequency (MHz)
-1.25
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
1.25
0
2
4
6
8
10
12
14
16
18
20
22
24
-40degC - RFX
-40degC - RFY
25degC - RFX
25degC - RFY
100degC - RFX
100degC - RFY
ATTN Setting (dB)
10
12
14
16
18
20
22
24
1500
1700
1900
2100
2300
2500
2700
2900
-40 degC
25 degC
100 degC
RF Frequency (MHz)
0%
5%
10%
15%
20%
25%
30%
35%
Output IP3 Bin (dBm)
OIP3
LO Frequency = 2300 MHz
RF Frequency = 2100 MHz
Worstcase of I and Q Channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com