Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1350 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # F1350
Description  DPD Demodulator for PA Linearization, 1300MHz to 2900MHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1350 Datasheet(HTML) 3 Page - Renesas Technology Corp

  F1350 Datasheet HTML 1Page - Renesas Technology Corp F1350 Datasheet HTML 2Page - Renesas Technology Corp F1350 Datasheet HTML 3Page - Renesas Technology Corp F1350 Datasheet HTML 4Page - Renesas Technology Corp F1350 Datasheet HTML 5Page - Renesas Technology Corp F1350 Datasheet HTML 6Page - Renesas Technology Corp F1350 Datasheet HTML 7Page - Renesas Technology Corp F1350 Datasheet HTML 8Page - Renesas Technology Corp F1350 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
DPD Demodulator for PA
Linearization, 1300MHz to 2900MHz
IDTF1350
Datasheet
IDT Zero-DistortionTM, Glitch-FreeTM DPD Receiver
3
January 21, 2020
IDTF1350 SPECIFICATION
Specifications apply at VCC = +5.0V, TC = 25C,
FRF = 2100 MHz, FLO = 2300 MHz, Gain = GMAX, PLO = 0 dBm, TC= +25°C, STBY = GND
unless otherwise noted. Full Lineup measured through to I or Q path. IF Transformers and RF input trace losses de-embedded.
Parameter
Comment
Symbol
min
typ
max
units
Logic Input High
For STBY, DATA, CSb, CLK, SW_Latch
VIH
2.3
V
Logic Input Low
For STBY, DATA, CSb, CLK, SW_Latch
VIL
0.5
V
Logic Current
VH = 2.3V, VL = 0V
IIH, IIL
-120
+100
μA
Supply Voltage(s)
All VCC (operating range)
VCC
4.75 to
5.25
V
Temperature Range
Operating Range
TCASE
-40
+105
degC
Supply Current
Total VCC
ISUPP
275
325
mA
Supply Current
Standby Mode: STBY > VIH
ISTBY
30
40
mA
RF Freq Range
Sets LO freq range
FRF
1450
2700
MHz
IF center Freq Range
Sets LO freq range
FIF
100
300
MHz
Oversample RF Range
Measure Gain at I&Q
Gain setting = GMAX
FLO = 1800 MHz, 2920 MHz
Gain Delta < 2.5 dB
FRFD
1300
2900
MHz
Oversample IF Range
Measure Gain at I&Q
Gain setting = GMAX
FLO = 1800 MHz, 2920 MHz
Gain Delta < 2.5 dB
FIFD
20
500
MHz
IF Linearity BW
RF Freq = 2100 MHz
IP3O > +38 dBm
From RF_INX to I+,I- & Q+,Q-
Pin = -11 dBm/Tone;
Gain setting = GMAX
IFLIN
100
300
MHz
RF Linearity BW
IF Freq = 200 MHz
IP3O > +39 dBm
From RF_INX to I+,I- & Q+,Q-
Pin = -11 dBm/Tone
Gain setting = GMAX
RFLIN
1600
2700
MHz
LO Freq Range
Operating Range
FLO
1400
2900
MHz
LO Power
PLO
-3 to +3
dBm
RF Input Impedance
Single Ended (RL > 10 dB)
ZRF
50
Ω
IF Output Impedance
Differential (RL > 10 dB)
ZIF
200
Ω
LO port Impedance
Single Ended (RL > 10 dB)
ZLO
50
Ω
Gain maximum
From RF_INX to I+,I- & Q+,Q-
Gain setting = GMAX
Pin = -11 dBm
GMAX
10.81
12.5
13.8
dB
Gain maximum Low
Side Injection
From RF_INX to I+,I- & Q+,Q-
Gain setting = GMAX
Pin = -11 dBm
RF = 2000MHz
LO = 1800MHz
GMAX_LSLO
12.7
dB
Gain minimum
From RF_INX to I+,I- & Q+,Q-
Gain setting = GMIN
Pin = +14 dBm
GMIN
-13.5
-12.8
-12
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com