Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1350 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # F1350
Description  DPD Demodulator for PA Linearization, 1300MHz to 2900MHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1350 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button F1350 Datasheet HTML 7Page - Renesas Technology Corp F1350 Datasheet HTML 8Page - Renesas Technology Corp F1350 Datasheet HTML 9Page - Renesas Technology Corp F1350 Datasheet HTML 10Page - Renesas Technology Corp F1350 Datasheet HTML 11Page - Renesas Technology Corp F1350 Datasheet HTML 12Page - Renesas Technology Corp F1350 Datasheet HTML 13Page - Renesas Technology Corp F1350 Datasheet HTML 14Page - Renesas Technology Corp F1350 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
DPD Demodulator for PA
Linearization, 1300MHz to 2900MHz
IDTF1350
Datasheet
IDT Zero-DistortionTM, Glitch-FreeTM DPD Receiver
11
January 21, 2020
TOCS F1350 [FIXED LO VS TEMP] (-1-)
GAIN [LO = 1.80 GHZ, LOW SIDE INJECTION]
IP3O [LO = 1.80 GHZ, LOW SIDE INJECTION]
IP2O [LO = 1.80 GHZ, LOW SIDE INJECTION]
GAIN [LO = 2.92 GHZ, HIGH SIDE INJECTION]
IP3O [LO = 2.92 GHZ, HIGH SIDE INJECTION]
IP2O [LO = 2.92 GHZ, HIGH SIDE INJECTION]
0
2
4
6
8
10
12
14
16
0
50
100 150 200 250 300 350 400 450 500 550
-40degC / 5.00V / 0dBm / IFI
-40degC / 5.00V / 0dBm / IFQ
25degC / 5.00V / 0dBm / IFI
25degC / 5.00V / 0dBm / IFQ
105degC / 5.00V / 0dBm / IFI
105degC / 5.00V / 0dBm / IFQ
IF Frequency (MHz)
24
28
32
36
40
44
48
0
50
100 150 200 250 300 350 400 450 500 550
-40degC / 5.00V / 0dBm / IFI
-40degC / 5.00V / 0dBm / IFQ
25degC / 5.00V / 0dBm / IFI
25degC / 5.00V / 0dBm / IFQ
105degC / 5.00V / 0dBm / IFI
105degC / 5.00V / 0dBm / IFQ
IF Frequency (MHz)
10
20
30
40
50
60
70
80
90
0
50
100 150 200 250 300 350 400 450 500 550
-40degC / 5.00V / 0dBm / IFI
-40degC / 5.00V / 0dBm / IFQ
25degC / 5.00V / 0dBm / IFI
25degC / 5.00V / 0dBm / IFQ
105degC / 5.00V / 0dBm / IFI
105degC / 5.00V / 0dBm / IFQ
IF Frequency (MHz)
0
2
4
6
8
10
12
14
16
0
50
100 150 200 250 300 350 400 450 500 550
-40degC / 5.00V / 0dBm / IFI
-40degC / 5.00V / 0dBm / IFQ
25degC / 5.00V / 0dBm / IFI
25degC / 5.00V / 0dBm / IFQ
105degC / 5.00V / 0dBm / IFI
105degC / 5.00V / 0dBm / IFQ
IF Frequency (MHz)
24
28
32
36
40
44
48
0
50
100 150 200 250 300 350 400 450 500 550
-40degC / 5.00V / 0dBm / IFI
-40degC / 5.00V / 0dBm / IFQ
25degC / 5.00V / 0dBm / IFI
25degC / 5.00V / 0dBm / IFQ
105degC / 5.00V / 0dBm / IFI
105degC / 5.00V / 0dBm / IFQ
IF Frequency (MHz)
10
20
30
40
50
60
70
80
90
0
50
100 150 200 250 300 350 400 450 500 550
-40degC / 5.00V / 0dBm / IFI
-40degC / 5.00V / 0dBm / IFQ
25degC / 5.00V / 0dBm / IFI
25degC / 5.00V / 0dBm / IFQ
105degC / 5.00V / 0dBm / IFI
105degC / 5.00V / 0dBm / IFQ
IF Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com