Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1350 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # F1350
Description  DPD Demodulator for PA Linearization, 1300MHz to 2900MHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1350 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button F1350 Datasheet HTML 16Page - Renesas Technology Corp F1350 Datasheet HTML 17Page - Renesas Technology Corp F1350 Datasheet HTML 18Page - Renesas Technology Corp F1350 Datasheet HTML 19Page - Renesas Technology Corp F1350 Datasheet HTML 20Page - Renesas Technology Corp F1350 Datasheet HTML 21Page - Renesas Technology Corp F1350 Datasheet HTML 22Page - Renesas Technology Corp F1350 Datasheet HTML 23Page - Renesas Technology Corp F1350 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
DPD Demodulator for PA
Linearization, 1300MHz to 2900MHz
IDTF1350
Datasheet
IDT Zero-DistortionTM, Glitch-FreeTM DPD Receiver
20
January 21, 2020
PIN DESCRIPTIONS
Pins
Name
Function
1
SW_LATCH
Stand-by latch. Pull Low or Ground for Normal Operation. If left
floating, this input will be internally pulled high, disabling SPI
writes to ENb (Standby) and RF SW bits (A0, A2).
2, 4, 5, 6, 8,
11,15, 21, 22,
30, 31, 32, 33,
34, 36
GND
Ground these Pins.
3
RF_INY
Alternate RF Input. Separated from RF_INX by internal SP2T.
AC couple to this pin. Internally matched to 50 ohms
9, 16, 25
VCC
Power Supply. Bypass to GND with capacitors shown in the
Typical Application Circuit as close as possible to pin.
10
LO_ADJ
Connect the specified resistor from this pin to ground to set the
LO path ICC. This IS a current setting resistor
12
LO_IN
LO Input. AC couple to this pin. Internally matched to 50 ohms
7,13, 29
N.C.
No Connection. Not internally connected. OK to connect to Vcc.
Recommended Connection is Ground
14
STBY
STBY Mode. Pull this pin high for Standby mode (30mA). Pull
low or Ground for normal Operation
17, 18
IF_BIAS_I
IF_BIAS_Q
Connect the specified resistor from this pin to ground to set the
IF amplifier bias reference. This is NOT a current setting resistor
19, 20
IF_I+, IF_I-
In-Phase Mixer Differential IF Output. Connect pullup inductors
from each of these pins to VCC (see the Typical Application
Circuit).
23, 24
IF_Q-, IF_Q+
Quadrature Mixer Differential IF Output. Connect pullup
inductors from each of these pins to VCC (see the Typical
Application Circuit).
26
CSb
Chip Select Bar. The falling edge initiates a programming cycle
and the rising edge latches the programmed shift register data
into the active register.
27
DATA
Serial Data Input
28
CLK
Serial Clock Input
35
RF_INX
Main RF Input. Separated from RF_INY by internal SP2T. AC
couple to this pin. Internally matched to 50 ohms
— EP
Exposed Pad. Internally connected to GND. Solder this exposed
pad to a PCB pad that uses multiple ground vias to provide heat
transfer out of the device into the PCB ground planes. These
multiple via grounds are also required to achieve the noted RF
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com