Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1350 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # F1350
Description  DPD Demodulator for PA Linearization, 1300MHz to 2900MHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1350 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button F1350 Datasheet HTML 12Page - Renesas Technology Corp F1350 Datasheet HTML 13Page - Renesas Technology Corp F1350 Datasheet HTML 14Page - Renesas Technology Corp F1350 Datasheet HTML 15Page - Renesas Technology Corp F1350 Datasheet HTML 16Page - Renesas Technology Corp F1350 Datasheet HTML 17Page - Renesas Technology Corp F1350 Datasheet HTML 18Page - Renesas Technology Corp F1350 Datasheet HTML 19Page - Renesas Technology Corp F1350 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
DPD Demodulator for PA
Linearization, 1300MHz to 2900MHz
IDTF1350
Datasheet
IDT Zero-DistortionTM, Glitch-FreeTM DPD Receiver
16
January 21, 2020
TOCS F1350 [QUADRATURE, P1dB] (-6-)
I/Q AMPLITUDE [VS. TCASE]
I/Q PHASE [VS. TCASE]
OUTPUT P1dB [VS. TCASE]
I/Q AMPLITUDE [VS. LO LEVEL]
I/Q PHASE [VS. LO LEVEL]
OUTPUT P1dB [VS. LO LEVEL]
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8
LO Frequency (GHz)
-40degC / 5.00V / 0dBm
25degC / 5.00V / 0dBm
105degC / 5.00V / 0dBm
-10
-8
-6
-4
-2
0
2
4
6
8
10
1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8
LO Frequency (GHz)
-40degC / 0dBm
25degC / 0dBm
105degC / 0dBm
15
16
17
18
19
20
21
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
-40degC / 0dBm / 0attn / HS Injection
-40degC / 0dBm / 0attn / LS Injection
25degC / 0dBm / 0attn / HS Injection
25degC / 0dBm / 0attn / LS Injection
105degC / 0dBm / 0attn / HS Injection
105degC / 0dBm / 0attn / LS Injection
RF Frequency (GHz)
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8
LO Frequency (GHz)
25degC / 5.00V / 3dBm
25degC / 5.00V / 0dBm
25degC / 5.00V / -3dBm
-10
-8
-6
-4
-2
0
2
4
6
8
10
1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8
LO Frequency (GHz)
25degC / 3dBm
25degC / 0dBm
25degC / -3dBm
15
16
17
18
19
20
21
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
25degC / 3dBm / 0attn / HS Injection
25degC / 3dBm / 0attn / LS Injection
25degC / 0dBm / 0attn / HS Injection
25degC / 0dBm / 0attn / LS Injection
25degC / -3dBm / 0attn / HS Injection
25degC / -3dBm / 0attn / LS Injection
RF Frequency (GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com