Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1350 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # F1350
Description  DPD Demodulator for PA Linearization, 1300MHz to 2900MHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1350 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button F1350 Datasheet HTML 19Page - Renesas Technology Corp F1350 Datasheet HTML 20Page - Renesas Technology Corp F1350 Datasheet HTML 21Page - Renesas Technology Corp F1350 Datasheet HTML 22Page - Renesas Technology Corp F1350 Datasheet HTML 23Page - Renesas Technology Corp F1350 Datasheet HTML 24Page - Renesas Technology Corp F1350 Datasheet HTML 25Page - Renesas Technology Corp F1350 Datasheet HTML 26Page - Renesas Technology Corp F1350 Datasheet HTML 27Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
© Renesas Electronics Corporation
01
Apr 6, 2016
00
Initial Release
Package Revision History
Rev No.
Date Created
Description
Nov 8, 2021
Update IDT format to Renesas format
36-VFQFPN, Package Outline Drawing
6.00 x 6.00 x 0.75 mm Body, 3.70 x 3.70 mm Epad, 0.5mm Pitch
NB/NBG36P1, PSC-4311-01, Rev 01, Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com