Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1350 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # F1350
Description  DPD Demodulator for PA Linearization, 1300MHz to 2900MHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1350 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button F1350 Datasheet HTML 15Page - Renesas Technology Corp F1350 Datasheet HTML 16Page - Renesas Technology Corp F1350 Datasheet HTML 17Page - Renesas Technology Corp F1350 Datasheet HTML 18Page - Renesas Technology Corp F1350 Datasheet HTML 19Page - Renesas Technology Corp F1350 Datasheet HTML 20Page - Renesas Technology Corp F1350 Datasheet HTML 21Page - Renesas Technology Corp F1350 Datasheet HTML 22Page - Renesas Technology Corp F1350 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
DPD Demodulator for PA
Linearization, 1300MHz to 2900MHz
IDTF1350
Datasheet
IDT Zero-DistortionTM, Glitch-FreeTM DPD Receiver
19
January 21, 2020
PACKAGE OUTLINE DRAWINGS
The package outline drawings are appended at the end of this document and are accessible from the link below. The
package information is the most current data available.
https://www.idt.com/document/psc/nbnbg36-package-outline-60-x-60-mm-body-epad-370-mm-sq-050-mm-pitch-qfn
PIN DIAGRAM
Package Drawing
6 mm x 6 mm package dimension
3.7 mm x 3.7 mm slug
0.5 mm pitch
36 pins
0.75 mm height
0.25 mm pad width
0.55 mm pad length
RF_INY
GND
GND
VCC
CSb
DATA
VCC
IF_I-
IF_Q+
IF_Q-
IF_I+
GND
Exposed Pad
9
8
7
6
5
4
3
2
1
18
17
16
15
14
13
12
11
10
27
26
25
24
23
22
21
20
19
36
35
34
33
32
31
30
29
28
Pull high to
Power Down
Must connect
resistor to ground
GND
GND
SW_LATCH
Signal Path Inputs &
Outputs in
BLUE
Internal Connections
in
[RED]
Must connect
resistor to
ground
Switch Latch
Pull High to Disable writes to:
A2:A0 in SPI = EN
GND
GND
GND [NC]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com