Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1350 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # F1350
Description  DPD Demodulator for PA Linearization, 1300MHz to 2900MHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1350 Datasheet(HTML) 5 Page - Renesas Technology Corp

  F1350 Datasheet HTML 1Page - Renesas Technology Corp F1350 Datasheet HTML 2Page - Renesas Technology Corp F1350 Datasheet HTML 3Page - Renesas Technology Corp F1350 Datasheet HTML 4Page - Renesas Technology Corp F1350 Datasheet HTML 5Page - Renesas Technology Corp F1350 Datasheet HTML 6Page - Renesas Technology Corp F1350 Datasheet HTML 7Page - Renesas Technology Corp F1350 Datasheet HTML 8Page - Renesas Technology Corp F1350 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
DPD Demodulator for PA
Linearization, 1300MHz to 2900MHz
IDTF1350
Datasheet
IDT Zero-DistortionTM, Glitch-FreeTM DPD Receiver
5
January 21, 2020
IDTF1350 SPECIFICATION - CONTINUED
Specifications apply at VCC = +5.0V, TC = 25C,
FRF = 2100 MHz, FLO = 2300 MHz, Gain = GMAX, PLO = 0 dBm, TC= +25°C, STBY = GND
unless otherwise noted. Full Lineup measured through to I or Q path. IF Transformers and RF input trace losses de-embedded.
Parameter
Comment
Symbol
min
typ
max
units
Attenuator Glitching
Step from 15.5 to 16 dB
Step from 16 to 15.5 dB
Measure maximum excursion
ATTNG
0.7
dB
Attenuator Step Accuracy
DNL
0.2
dB
Attenuator Abs. Accuracy
INL
0.2
0.75
dB
Attenuator Resolution
LSB
0.5
dB
Serial Clock Speed
SPI 3 wire bus
FCLOCK
20
50
MHz
Data to Clock Setup
SPI 3 wire bus
TS
3
ns
Data to Clock Hold
SPI 3 wire bus
TH
3
ns
Clock to CS Setup
SPI 3 wire bus
TEN
3
ns
Clock Pulse Width
SPI 3 wire bus
TW
5
ns
RF Switch Isolation
FRF < 2.0 GHz
ISORFSW
-41
dBc
RF Switch and attenuator settling times3
EN bit on
•
LO_INA: 2300MHz, 0dBm
•
RF_INX: 2100MHz, -11dBm
ENON
100
nsec
EN bit off
ENOFF
50
RF switched X to Y (no Y
signal)
RFSWXY
150
RF switched Y to X (no Y
signal)
RFSWYX
200
Attenuator switched 0dB
to 25.5dB (max)
ATTSETL
300
Attenuator switched
25.5dB (max) to 0dB
300
Attenuator switched
15.5dB to 16dB
250
Attenuator switched 16dB
to 15.5dB
250
SPECIFICATION NOTES:
1 – Items in min/max columns in bold italics are Guaranteed by Test
2 – All other Items in min/max columns are Guaranteed by Design Characterization
3 – Excludes SPI write time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com