Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO_SETUP Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # IO_SETUP
Description  Digital Barometric Pressure Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

IO_SETUP Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button IO_SETUP Datasheet HTML 2Page - Omron Electronics LLC IO_SETUP Datasheet HTML 3Page - Omron Electronics LLC IO_SETUP Datasheet HTML 4Page - Omron Electronics LLC IO_SETUP Datasheet HTML 5Page - Omron Electronics LLC IO_SETUP Datasheet HTML 6Page - Omron Electronics LLC IO_SETUP Datasheet HTML 7Page - Omron Electronics LLC IO_SETUP Datasheet HTML 8Page - Omron Electronics LLC IO_SETUP Datasheet HTML 9Page - Omron Electronics LLC IO_SETUP Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
[2SMPB-02E] Datasheet Rev.05(Jun.,2017)
6
Copyright 2017 OMRON Corporation. All Rights Reserved.
2. Connection
2.1 Block Diagram
2.2 Pin Description and Layout
Top View
Bottom View
Pin Description
Pin No.
Symbol
Description
SPI
I²C
1
RST
Asynchronous Reset *1)
2
CSB
CSB
VDDIO
3
SDI
SDI/SDO
SDA
4
SCK
SCK
SCL
5
SDO
SDO
ADDR
6
VDDIO
Power Terminal for Digital IO
7
GND
Ground Terminal
8
VDD
Power Terminal
9
VPP
NVM Writing Terminal *2)
Note.
*1)
If you do not need the reset function, please just have the layout design of PCB of
connecting both No. 1 (RST) pin and No. 7 (GND) pin into the ground of PCB.
Please refer "4.8 Reset Function" for the case of using the reset function.
*2)
Pin 9 is only used internally in OMRON. Please leave the pin disconnected.
If Pin 9 is connected with any other Pin electrically, the sensor will not work properly.
Logic
Pressure/
Temperature
sensing
element
POR
NVM
I/O
Voltage
Supply
CLK Gen.
GND
VPP
VDDIO
SDO
SCK
SDI
CSB
SB
Sp
Sm
It
VDD
GND
RST
ADC
MUX
Analog
front-end
①
②
③
④
⑨
⑧
⑦
⑥
⑤
⑧
⑦
⑥
⑤
⑨
①
②
③
④
Pin 1 indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com